Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USMS05C Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # USMS05C
Description  4-Line Bi-direction TVS Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

USMS05C Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  USMS05C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd USMS05C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd USMS05C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd USMS05C Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USMS05C
Features
●
●
●
●
●
Applications
●
●
●
●
●
●
Dimensions SOT-26
Pin Configuration
Mechanical Characteristics
●
●
●
●
●
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
100
W
ESD per IEC 61000−4−2 (Air)
VESD
±30
Kv
ESD per IEC 61000−4−2 (Contact)
±30
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
Rev : 01.06.2014
www.leiditech.com
1/4
4-Line Bi-direction TVS Diode Array
Protects up to 5 lines
Low leakage: nA level
Low clamping voltage
Excellent surge protection (80W at 8/20μs)
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 7A (8/20μs)
RoHS Compliant
●
Package: SOT23-6
Lead Finish: Matte Tin
Case Material: “Green” Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Connections: See Diagram Below
Marking Information: See Below
●
●
Audio Players
Peripherals
Portable Instrumentation
Desktops PC and Servers
Microprocessor Based Equipment
Cell Phone Handsets and Accessories
Notebook, Laptop, and Palmtop Computers
●


Similar Part No. - USMS05C

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
USMS05G-AG6-R UTC-USMS05G-AG6-R Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
USMS05L-AG6-R UTC-USMS05L-AG6-R Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results

Similar Description - USMS05C

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0514PD APMICRO-AU0514PD Datasheet
1Mb / 4P
4-Line Bi-directional TVS Diode Array
AU1204S2 APMICRO-AU1204S2 Datasheet
540Kb / 4P
4-Line Bi-direction TVS Diode Array
logo
Shanghai Leiditech Elec...
SMS05CC LEIDITECH-SMS05CC Datasheet
1Mb / 4P
4-Line Bi-direction TVS Diode Array
SMC24Q LEIDITECH-SMC24Q Datasheet
625Kb / 3P
2-Line Bi-directional TVS Diode Array
SR70-4 LEIDITECH-SR70-4 Datasheet
2Mb / 4P
4-Line Bi-direction TVS Diode Array
ESDA6V1-5SC6 LEIDITECH-ESDA6V1-5SC6 Datasheet
955Kb / 4P
4-Line Bi-direction TVS Diode Array
Rev : 01.06.2014
PESD12VL2BT LEIDITECH-PESD12VL2BT Datasheet
280Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
PESD24VL2BT LEIDITECH-PESD24VL2BT Datasheet
225Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
PESD5V0L2BT LEIDITECH-PESD5V0L2BT Datasheet
218Kb / 3P
2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
SP0505BAHTG LEIDITECH-SP0505BAHTG Datasheet
955Kb / 4P
4-Line Bi-direction TVS Diode Array
Rev : 01.06.2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com