Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC6261 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC6261
Description  Precision Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6261 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC6261 Datasheet HTML 1Page - First Silicon Co., Ltd FC6261 Datasheet HTML 2Page - First Silicon Co., Ltd FC6261 Datasheet HTML 3Page - First Silicon Co., Ltd FC6261 Datasheet HTML 4Page - First Silicon Co., Ltd FC6261 Datasheet HTML 5Page - First Silicon Co., Ltd FC6261 Datasheet HTML 6Page - First Silicon Co., Ltd FC6261 Datasheet HTML 7Page - First Silicon Co., Ltd FC6261 Datasheet HTML 8Page - First Silicon Co., Ltd FC6261 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (Note 3)
(VIN=5V, CIN=1μF, COUT=1μF, TA = 25°C.)
Symbol
Parameter
Condi�ons
Min
Typ
Max
Unit
IN sec�on
VIN
Input voltage
2.5
5.5
V
IIN_ON
Supply current,
Enable
VIN=5.5V, No load on OUT
30
60
μA
IIN_OFF
Shutdown current,
Disable
VIN=5.5V, No load on OUT
0.1
1
μA
IREV
Reverse leakage
current
VOUT=5.5V, VIN=0V
2
5
μA
VUVLO_ON
Under voltage
lockout exit
VIN rising from 0-5V
2
2.3
V
VUVLO_HY
UVLO Hysteresis
100
mV
EN sec�on
VEN_H
High-level enable
voltage
VIN=5.5V
1.5
V
VEN_L
Low-level disable
voltage
VIN=2.5V
0.4
V
IEN
EN input current
VEN=5.5V or 0V
-0.5
5
10
μA
TON
Turn on �me
CL=1μF, RL=100Ω
0.2
ms
TOFF
Turn off �me
CL=1μF, RL=100Ω
0.1
ms
OUT sec�on
IOC
Over Current CC
Regula�on
FC6261A
VIN=5V, VOUT=3.5V
0.64
0.8
0.96
A
FC6261B and FC6261B1
VIN=5V, VOUT=3.5V
1.27
1.5
1.73
A
FC6261C
VIN=5V, VOUT=3.5V
1.95
2.1
2.25
A
VREVERSE
Reverse voltage
protec�on
VOUT-VIN
5
20
50
mV
TRISE
Output rise �me
CL=1μF, RL=100Ω
0.1
ms
TFALL
Output fall �me
CL=1μF, RL=100Ω
0.3
ms
TIOS
Response �me to
short circuit
12
μs
RDIS
OUT Discharge
Resistance
(FC6261B1 Only)
VIN=5V, VEN=0V, VOUT=5V
42
Ω
FC6261
2021. 01. 11
4/11
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com