Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC6261 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC6261
Description  Precision Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6261 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC6261 Datasheet HTML 1Page - First Silicon Co., Ltd FC6261 Datasheet HTML 2Page - First Silicon Co., Ltd FC6261 Datasheet HTML 3Page - First Silicon Co., Ltd FC6261 Datasheet HTML 4Page - First Silicon Co., Ltd FC6261 Datasheet HTML 5Page - First Silicon Co., Ltd FC6261 Datasheet HTML 6Page - First Silicon Co., Ltd FC6261 Datasheet HTML 7Page - First Silicon Co., Ltd FC6261 Datasheet HTML 8Page - First Silicon Co., Ltd FC6261 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ELECTRICAL CHARACTERISTICS (con�nued)
(VIN=5V, CIN=1μF, COUT=1μF, TA = 25°C.)
Symbol
Parameter
Condi�ons
Min
Typ
Max
Unit
FLG(Fault flag) sec�on
VOL
Output low voltage
IFLG=1mA
180
mV
IFLG
Con�nuous FLG sink
10
mA
IFLG_LEAK
Off-state leakage
1
μA
TFLG
Fault flag deglitch
�me
IOUT= 0A to 2A, over current
condi�on
8
ms
VOUT-VIN>100mV, reverse
blocking protec�on
2.5
ms
Power switch
RDS_ON
IOUT=0.5A(FC6261A)
IOUT=1A(FC6261B/C/B1)
60
mΩ
Thermal Shutdown
TNORMAL
Thermal shutdown
temperature
150
°C
TNORMAL_HY
Thermal shutdown
threshold hysteresis
20
°C
Note 1: Absolute Maximum Ra�ngs are those values beyond which the life of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power dissipa�on PD according to the
following formula: TJ = TA + PD x θJA.
Figure 2. Short Circuits Response �me
Figure 3. test circuits
Note:
To exactly iden�fy the short circuit characteris�c of IC, avoid the test result interfered by parasi�c inductor,
output capacitor, and contact resistor. It is necessary to follow the recommenda�on as follows.
1. Add 1000μF of capacitor between VIN and GND, and close to IC.
2. Remove output capacitor.
3. Shorter the short circuit device wire.
4. Measure output current (IOUT).
FC6261
2021. 01. 11
5/11
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com