Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC6261 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC6261
Description  Precision Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6261 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC6261 Datasheet HTML 1Page - First Silicon Co., Ltd FC6261 Datasheet HTML 2Page - First Silicon Co., Ltd FC6261 Datasheet HTML 3Page - First Silicon Co., Ltd FC6261 Datasheet HTML 4Page - First Silicon Co., Ltd FC6261 Datasheet HTML 5Page - First Silicon Co., Ltd FC6261 Datasheet HTML 6Page - First Silicon Co., Ltd FC6261 Datasheet HTML 7Page - First Silicon Co., Ltd FC6261 Datasheet HTML 8Page - First Silicon Co., Ltd FC6261 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Precision Power Distribution Switch
FEATURES
Integrated Typical 60mΩ Power MOSFET
Low Supply Current
30μA Typical at Switch On State
1μA Typical at Switch Off State
Wide Input Voltage Range: 2.5V to 5.5V
Fast Transient Response: 8μs
0.1ms Typical Rise Time
Reverse Current Flow Blocking
Deglitched Open-Drain Over-Current Flag
Output
Thermal Shutdown Protec�on
Hot Plug-In Applica�on (So�-Start)
SOT-23-6/SOT-23-5 Package
APPLICATIONS
USB Bus/Self Powered Hubs
Ba�ery-Charger Circuits
Personal Communica�on Devices
Notebook Computers
GENERAL DESCRIPTION
The FC6261 series is a cost-effec�ve,low voltage,single
P-MOSFET load switch, op�mized for self-powered
and bus-powered Universal Serial Bus (USB)
applica�ons. This switch operates with inputs ranging
from 2.4V to 5.5V, making it ideal for both 3V and 5V
systems. The switch's low RDS(ON), 60mΩ, meets USB
voltage drop requirements. A built-in P-channel
MOSFET with true shutdown func�on to eliminate
any reversed current flow across the switch when it is
powered off. When the output voltage is higher than
input voltage, the power switch is turned off by
internal output reverse-voltage comparator.
nFLG is an open-drain output report over-current or
over temperature event. In addi�on, nFLG also has
typical 8ms deglitch �meout period and reports
output reverse-voltage condi�on.
TYPICAL APPILCATION
IN
Vin
1μF
EN
nFLG
GND
OUT
Vout
100kΩ
0.1μF
Load
22μF
Figure 1. FC6261 Applica�on Circuit
SEMICONDUCTOR
TECHNICAL DATA
FC6261
2021. 01. 11
1/11
Revision No : 0
Output Discharge at shutdown(FC6261B1 only)


Similar Part No. - FC6261

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC62602 FS-FC62602 Datasheet
465Kb / 12P
Positive Voltage Regulator
More results

Similar Description - FC6261

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Texas Instruments
TPS2559-Q1 TI1-TPS2559-Q1 Datasheet
3Mb / 27P
Precision Adjustable Current-Limited Power-Distribution Switch
TPS2559 TI1-TPS2559 Datasheet
3Mb / 29P
Precision Adjustable Current-Limited Power-Distribution Switch
logo
Monolithic Power System...
MP62550 MPS-MP62550 Datasheet
549Kb / 16P
Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
logo
Unisonic Technologies
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
SG Micro Corp
SGM2553E SGMICRO-SGM2553E Datasheet
773Kb / 10P
Precision Adjustable Current Limited Power Distribution Switch
APRIL2018-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com