Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC6261C Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FC6261C
Description  Precision Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6261C Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FC6261C Datasheet HTML 3Page - First Silicon Co., Ltd FC6261C Datasheet HTML 4Page - First Silicon Co., Ltd FC6261C Datasheet HTML 5Page - First Silicon Co., Ltd FC6261C Datasheet HTML 6Page - First Silicon Co., Ltd FC6261C Datasheet HTML 7Page - First Silicon Co., Ltd FC6261C Datasheet HTML 8Page - First Silicon Co., Ltd FC6261C Datasheet HTML 9Page - First Silicon Co., Ltd FC6261C Datasheet HTML 10Page - First Silicon Co., Ltd FC6261C Datasheet HTML 11Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
APPLICATION INFORMATION
The FC6261 Series is current-limited,power distribu�on switches using P-channel MOSFETs.Addi�onal device
shutdown features include over temperature protec�on and reverse-voltage protec�on. The driver controls
the gate voltage of the power switch. The driver incorporates circuitry that controls the rise and fall �mes of
the output voltage to limit large current and voltage surges and provides built-in so�-start func�onality. The
FC6261 Series enters constant current mode when the load exceeds the current-limit threshold.
Input and Output
IN (input) is the power supply connec�on to the logic circuitry and the drain of the output MOSFET. OUT
(output) is the source of the output MOSFET. In a typical applica�on, current flows through the switch from
IN to OUT toward the load. OUT pin must be connected together to the load.
So� Start for Hot Plug-In Applica�ons
In order to eliminate the upstream voltage droop caused by the large inrush current during hot-plug events,
the “so�-start” feature effec�vely isolates the power source from extremely large capaci�ve loads, sa�sfying
the USB voltage droop requirements.
FLG Func�on
The nFLG open-drain output is asserted (ac�ve low) when an over current condi�on is encountered a�er a
8ms deglitch �meout. The nFLG output remains asserted un�l the over-current condi�on is removed. Over
temperature condi�on is also reported by nFLG open-drain output. In addi�on, nFLG is also asserted (ac�ve
low) in output reverse-voltage condi�on when the output reverse-voltage condi�on is removed.
Thermal Shutdown
The FC6261 Series has internal over temperature protec�on to shut down the device when its
junc�on temperature exceeds 150°C with over load current condi�on, then a�er the device is disabled,
if the junc�on temperature drops 20°C hysteresis typically the device will resume and restart to work.
The switch con�nues to cycle off and on un�l the over current fault is removed.
EN, the Enable Input
EN must be driven logic high or logic low for a clearly defined input. Floa�ng the input may cause
unpredictable opera�on, so please do not float EN input pin.
Output Auto Discharge
Only for FC6261B1, when its EN is disabled, an internal typical 42Ω resister is connected between OUT and
GND to discharge output capacitor COUT.
Layout Considera�on
For best performance of the FC6261 Series, the following guidelines must be strictly followed.
1) Input and output capacitors should be placed close to the IC and connected to ground plane to reduce
noise coupling.
2) The GND should be connected to a strong ground plane for heat sink.
FC6261
2021. 01. 11
8/11
Revision No : 0
3)
Keep the main current traces as possible as short and wide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com