Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC6261C Datasheet(PDF) 10 Page - First Silicon Co., Ltd

Part # FC6261C
Description  Precision Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6261C Datasheet(HTML) 10 Page - First Silicon Co., Ltd

Back Button FC6261C Datasheet HTML 3Page - First Silicon Co., Ltd FC6261C Datasheet HTML 4Page - First Silicon Co., Ltd FC6261C Datasheet HTML 5Page - First Silicon Co., Ltd FC6261C Datasheet HTML 6Page - First Silicon Co., Ltd FC6261C Datasheet HTML 7Page - First Silicon Co., Ltd FC6261C Datasheet HTML 8Page - First Silicon Co., Ltd FC6261C Datasheet HTML 9Page - First Silicon Co., Ltd FC6261C Datasheet HTML 10Page - First Silicon Co., Ltd FC6261C Datasheet HTML 11Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PACKAGE INFORMATION
SOT-23-5
Unit: mm
Symbol
Dimensions In Millimeters
Symbol
Dimensions In Millimeters
Min
Max
Min
Max
L
2.82
3.02
E1
0.85
1.05
B
1.50
1.70
a
0.35
0.50
C
0.90
1.30
c
0.10
0.20
L1
2.60
3.00
b
0.35
0.55
E
1.80
2.00
F
0
0.15
Note:
1) All dimensions are in millimeters.
2) Package length does not include mold flash, protrusion or gate burr.
3) Package width does not include inter lead flash or protrusion.
4) Lead popularity (bo�om of leads a�er forming) shall be 0.10 millimeters max.
5) Pin 1 is lower le� pin when reading top mark from le� to right.
FC6261
2021. 01. 11
10/11
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com