Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC6261C Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC6261C
Description  Precision Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6261C Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC6261C Datasheet HTML 1Page - First Silicon Co., Ltd FC6261C Datasheet HTML 2Page - First Silicon Co., Ltd FC6261C Datasheet HTML 3Page - First Silicon Co., Ltd FC6261C Datasheet HTML 4Page - First Silicon Co., Ltd FC6261C Datasheet HTML 5Page - First Silicon Co., Ltd FC6261C Datasheet HTML 6Page - First Silicon Co., Ltd FC6261C Datasheet HTML 7Page - First Silicon Co., Ltd FC6261C Datasheet HTML 8Page - First Silicon Co., Ltd FC6261C Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PIN FUNCTIONS
Pin No.
Name
Func�on
FC6261A
FC6261B/C/B1
1
5
IN
Input Supply: Output MOSFET Drain, which also supplies IC's
internal circuitry. Connect to posi�ve supply.
2
2
GND
IC ground connec�on
3
4
EN
Enable: Logic level enable input. Do not floa�ng.
Make sure EN pin never floa�ng.
Pull high to enable IC.
4
3
nFLG
Over-Current: Open-Drain Fault Flag Output.
5
NC
6
1
OUT
Switch Output: Output MOSFET Source of switch. Typically
connect to switched side of load.
ESD RATINGS
Items
Descrip�on
Value
Unit
VESD
Human Body Model for all pins
±2000
V
JEDEC specifica�on JS-001
RECOMMENDED OPERATING CONDITIONS
Items
Descrip�on
Min
Max
Unit
Voltage Range
IN
2.5
5.5
V
TJ
Opera�ng Junc�on Temperature Range
-40
125
°C
FC6261
2021. 01. 11
3/11
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com