Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T36 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T36
Description  CMOS 32K x 8 TIMEKEEPER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T36 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T36 Datasheet HTML 7Page - STMicroelectronics M48T36 Datasheet HTML 8Page - STMicroelectronics M48T36 Datasheet HTML 9Page - STMicroelectronics M48T36 Datasheet HTML 10Page - STMicroelectronics M48T36 Datasheet HTML 11Page - STMicroelectronics M48T36 Datasheet HTML 12Page - STMicroelectronics M48T36 Datasheet HTML 13Page - STMicroelectronics M48T36 Datasheet HTML 14Page - STMicroelectronics M48T36 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
When reset to a ’0’, the M48T36 oscillator starts
within 1 second.
Calibrating the Clock
The M48T36 is driven by a quartz controlled oscil-
lator with a nominal frequency of 32,768 Hz. The
devices are tested not to exceed 35 PPM (parts per
million) oscillator frequency error at 25
°C, which
equates to about
± 1.53 minutes per month. With
the calibration bits properly set, the accuracy of
each M48T36 improves to better than
±4PPM at
25
°C.
Of course the oscillation rate of any crystal changes
with temperature. Most clock chips compensate for
crystal frequency and temperature shift error with
cumbersome trim capacitors. The M48T36 design,
however, employs periodic counter correction. The
calibration circuit adds or subtracts counts from the
oscillator divider circuit at the divide by 128 stage,
as shown in Figure 9. The number of times pulses
are blanked (subtracted, negative calibration) or
split (added, positive calibration) depends upon the
value loaded into the five bit Calibration byte found
in the Control Register. Adding counts speeds the
clock up, subtracting counts slows the clock down.
The Calibration byte occupies the five lower order
bits (D4-D0) in the Control Register 7FF8h. These
bits can be set to represent any value between 0
and 31 in binary form. Bit D5 is a Sign bit; ’1’
indicates positive calibration, ’0’ indicates negative
calibration. Calibration occurs within a 64 minute
cycle. The first 62 minutes in the cycle may, once
per minute, have one second either shortened by
128 or lengthened by 256 oscillator cycles. If a
binary ’1’ is loaded into the register, only the first 2
minutes in the 64 minute cycle will be modified; if a
binary 6 is loaded, the first 12 will be affected, and
so on.
Therefore, each calibration step has the effect of
adding 512 or subtracting 256 oscillator cycles for
every 125,829,120 actual oscillator cycles, that is
+4.068 or -2.034 PPM of adjustment per calibration
step in the calibration register. Assuming that the
oscillator is in fact running at exactly 32,768 Hz,
each of the 31 increments in the Calibration byte
would represent +10.7 or - 5.35 seconds per month
which corresponds to a total range of +5.5 or - 2.75
minutes per month.
Two methods are available for ascertaining how
much calibration a given M48T36 may require. The
first involves simply setting the clock, letting it run
for a month and comparing it to a known accurate
reference (like WWV broadcasts). While that may
seem crude, it allows the designer to give the end
user the ability to calibrate his clock as his environ-
ment may require, even after the final product is
packaged in a non-user serviceable enclosure. All
the designer has to do is provide a simple utility that
accesses the Calibration byte. The utility could
even be menu driven and made foolproof.
The second approach is better suited to a manu-
facturing environment, and involves the use of the
IRQ/FT pin. The pin will toggle at 512Hz when the
Stop bit (D7 of 7FF9h) is ’0’, the FT bit (D6 of
7FFCh) is ’1’, the AFE bit (D7 of 7FF6h) is ’0’, and
the Watchdog Steering bit (D7 of 7FF7h) is ’1’ or
the Watchdog Register is reset (7FF7h = 0).
Any deviation from 512 Hz indicates the degree and
direction of oscillator frequency shift at the test
temperature. For example, a reading of 512.01024
Hz would indicate a +20 PPM oscillator frequency
error, requiring a -10(001010) to be loaded into the
Calibration Byte for correction. Note that setting or
changing the Calibration Byte does not affect the
Frequency test output frequency.
AI00594
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION
Figure 9. Clock Calibration
11/17
M48T36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com