Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T36 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T36
Description  CMOS 32K x 8 TIMEKEEPER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T36 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T36 Datasheet HTML 8Page - STMicroelectronics M48T36 Datasheet HTML 9Page - STMicroelectronics M48T36 Datasheet HTML 10Page - STMicroelectronics M48T36 Datasheet HTML 11Page - STMicroelectronics M48T36 Datasheet HTML 12Page - STMicroelectronics M48T36 Datasheet HTML 13Page - STMicroelectronics M48T36 Datasheet HTML 14Page - STMicroelectronics M48T36 Datasheet HTML 15Page - STMicroelectronics M48T36 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
The IRQ/FT pin is an open drain output which
requires a pull-up resistor for proper operation. A
500-10k
Ω resistor is recommended in order to con-
trol the rise time. The FT bit is cleared on power-up.
SETTING ALARM CLOCK
Registers 7FF5h-7FF2h contain the alarm settings.
The alarm can be configured to go off at a pre-
scribed time on a specific day of the month or
repeat every day, hour, minute, or second. It can
also be programmed to go off while the M48T36 is
in the battery back-up mode of operation to serve
as a system wake-up call.
RPT1-RPT4 put the alarm in the repeat mode of
operation. Table 11 shows the possible configura-
tions. Codes not listed in the table default to the
once per second mode to quickly alert the user of
an incorrect alarm setting.
When the clock information matches the alarm
clock settings based on the match criteria defined
by RPT1-RPT4, AF (Alarm Flag) is set. If AFE
(Alarm Flag Enable) is also set, the alarm condition
activates the IRQ/FT pin. The alarm flag and the
IRQ/FT output are cleared by a read to the Flags
register as shown in Figure 10.
The IRQ/FT pin can also be activated in the battery
back-up mode. The IRQ/FT will go low if an alarm
occurs and both ABE (Alarm in Battery Back-up
Mode Enable) and AFE are set. The ABE and AFE
bits are reset during power-up, therefore an alarm
generated during power-up will only set AF. The
user can read the Flag Register at system boot-up
to determine if an alarm was generated while the
M48T36 was in the deselect mode during power-
up. Figure 11 illustrates the back-up mode alarm
timing.
RPT4
RPT3
RPT2
RPT1
Alarm Activated
1
1
1
1
Once per Second
1
1
1
0
Once per Minute
1
1
0
0
Once per Hour
1
0
0
0
Once per Day
0
0
0
0
Once per Month
Table 11. Alarm Repeat Mode
AI01627
15ns Min
A0-A14
ACTIVE FLAG BIT
IRQ/FT
ADDRESS 1FF0h
HIGH-Z
Figure 10. Interrupt Reset Waveforms
CLOCK OPERATIONS (cont’d)
12/17
M48T36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com