Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T36 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T36
Description  CMOS 32K x 8 TIMEKEEPER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T36 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T36 Datasheet HTML 9Page - STMicroelectronics M48T36 Datasheet HTML 10Page - STMicroelectronics M48T36 Datasheet HTML 11Page - STMicroelectronics M48T36 Datasheet HTML 12Page - STMicroelectronics M48T36 Datasheet HTML 13Page - STMicroelectronics M48T36 Datasheet HTML 14Page - STMicroelectronics M48T36 Datasheet HTML 15Page - STMicroelectronics M48T36 Datasheet HTML 16Page - STMicroelectronics M48T36 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AI01389B
VCC
IRQ/FT
HIGH-Z
VPFD (max)
VPFD (min)
AFE
AF
HIGH-Z
Figure 11. Back-up Mode Alarm Waveforms
WATCHDOG TIMER
The watchdog timer can be used to detect an
out-of-control microprocessor. The user programs
the watchdog timer by setting the desired amount
of time-out into the eight bit Watchdog Register,
address 7FF7h. The five bits (BMB4-BMB0) store
a binary multiplier and the two lower order bits
(RB1-RB0) select the resolution, where 00=1/16
second, 01=1/4 second, 10=1 second, and 11=4
seconds. The amount of time-out is then deter-
mined to be the multiplication of the five bit multi-
plier value with the resolution.
(For example:
writing 00001110 in the Watchdog Register = 3 x 1
or 3 seconds). If the processor does not reset the
timer within the specified period, the M48T36 sets
the WDF (Watchdog Flag) and generates a watch-
dog interrupt or a microprocessor reset.
The most significant bit of the Watchdog Register
is the Watchdog Steering Bit. When set to a ’0’, the
watchdog will activate the IRQ/FT pin when timed-
out. When WDS is set to a ’1’, the watchdog will
output a negative pulse on the RST pin for a dura-
tion of 40ms to 200ms. The Watchdog register and
the FT bit will reset to a ’0’ at the end of a watchdog
time-out when the WDS bit is set to a ’1’.
The watchdog timer resets when the microproces-
sor performs a read of the Watchdog Register. The
time-out period then starts over. The watchdog
timer is disabled by writing a value of 00000000 to
the eight bits in the Watchdog Register. The watch-
dog function is automatically disabled upon power-
up and the Watchdog Register is cleared. If the
watchdog function is set to output to the IRQ/FT pin
and the frequency test function is activated, the
watchdog function prevails and the frequency test
function is denied. The WDI pin contains a pull-up
resistor which is greater than 100k
Ω, and therefore
can be left unconnected if not used.
BATTERY LOW WARNING
The M48T36 checks it’s battery voltage on power-
up. The BL (Battery Low) bit D4 of 7FF0h will be
set on power-up if the battery voltage is less than
2.5V (typical).
POWER-ON DEFAULTS
Upon application of power to the device, the follow-
ing register bits are set to a ’0’ state: WDS = 0;
BMB0-BMB4 = 0; RB0-RB1 = 0; AFE = 0; ABE = 0.
13/17
M48T36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com