Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LDY Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M3LDY
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LDY Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M3LDY Datasheet HTML 1Page - M-System Co.,Ltd. M3LDY Datasheet HTML 2Page - M-System Co.,Ltd. M3LDY Datasheet HTML 3Page - M-System Co.,Ltd. M3LDY Datasheet HTML 4Page - M-System Co.,Ltd. M3LDY Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: M3LDY
M3LDY SPECIFICATIONS
ES-2664 Rev.14 Page 3/5
http://www.m-system.co.jp/
LINEARIZATION (/A only)
Type selection and data programming: PC Configurator
Software
• No Linearization: The output is proportional to the input.
• Segment Data: 100 points max. within the range of -15.00
to +115.00 % input or output represented as percentage of
full-scale
Low-end cutout: Low-end cutout point selectable within the
range of 0 to 100 %. For the input lower than the low-end
cutout point, the output signal equals 0 %.
• Square Root Extraction
Low-end cutout: Low-end cutout point selectable within the
range of 0 to 100 %. For the input lower than the low-end
cutout point, the output signal is linear to the input.
• Segment Data :
INPUT
Low-end Cutout Point
0
• Square Root Extraction
INPUT
Low-end Cutout Point
0
INSTALLATION
Power consumption
•DC: Approx. 3 W
Operating temperature: -25 to +65°C (-13 to +149°F)
Max. 55°C (131°F) for UL approval
Operating humidity: 0 to 95 %RH (non-condensing)
Mounting: DIN rail
Weight: 100 g (3.53 oz)
PERFORMANCE
Accuracy: Input Accuracy + Output Accuracy
Input accuracy: ±0.06 % of input range
Output accuracy: ±0.04 % of output range
(Input and output accuracy is inversely proportional to the
span)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
Response time: ≤ 1 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input to output or power to ground)
500 V AC @ 1 minute (output to power)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Input 4 – 20 mA, Output 4 – 20 mA
Input accuracy = Range 20 mA ÷ Span 16 mA × 0.06 % =
0.075 %
Output accuracy = Range 20 mA ÷ Span 16mA
× 0.04 % = 0.05 %
Overall accuracy = 0.075 + 0.05 = 0.13 %
(Segment gain < 1. Multiply the calculated result by the
gain when exceeding 1.
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
Approval:
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.1010-1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com