Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LDY Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M3LDY
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LDY Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M3LDY Datasheet HTML 1Page - M-System Co.,Ltd. M3LDY Datasheet HTML 2Page - M-System Co.,Ltd. M3LDY Datasheet HTML 3Page - M-System Co.,Ltd. M3LDY Datasheet HTML 4Page - M-System Co.,Ltd. M3LDY Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: M3LDY
M3LDY SPECIFICATIONS
ES-2664 Rev.14 Page 5/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
+
–
Isolation
Output
Driver
OUTPUT
4
5
6
7
8
POWER
11
12
9
10
Current
Limiter
24V DC
Supply
24.9Ω
250Ω
250Ω
+
–
1
3
2
2-WIRE
TRANSMITTER
+
–
V –
+
(1 – 5V DC)
MONITOR
No Connection
No Connection
2
1
■ When Used as Isolator
Digital
Computation
CONFIGURATOR
JACK
TRANSMITTER
SUPPLY SW
STATUS
DIP SW
CONTROL BUTTONS
24.9Ω
+
–
INPUT
4
3
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com