Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LDY Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M3LDY
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LDY Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M3LDY Datasheet HTML 1Page - M-System Co.,Ltd. M3LDY Datasheet HTML 2Page - M-System Co.,Ltd. M3LDY Datasheet HTML 3Page - M-System Co.,Ltd. M3LDY Datasheet HTML 4Page - M-System Co.,Ltd. M3LDY Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: M3LDY
M3LDY SPECIFICATIONS
ES-2664 Rev.14 Page 2/5
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Housing material: Flame-resistant resin (gray)
Isolation: Input to output to power
Overrange output: -15 to +115 %
Zero adjustment: -15 to +15 % (front)
Span adjustment: 85 to 115 % (front)
Status indicator LED: Tri-color (green/amber/red) LED;
Blinking patterns indicate operation status of the
transmitter.
Configuration
PC configurator: (Model: M3LDYCFG) via Windows PC
connected to th front jack.
Programmable features include:
• Input range
• Output type and range
• Zero and span adjustments
• Linearization
• Loop test output
(Refer to the instruction manual)
‘One-Step Cal’ calibration: With I/O type and the full-scale
range configured via the internal DIP switches, precise 0 %
and 100 % ranges are calibrated via the front control
buttons with a help of LED. Also I/O calibration and fine
adjustment are available with a PC.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
SUPPLY OUTPUT
■ SUPPLY OUTPUT (across the terminals 1 – 2)
Output voltage: 24 – 28 V DC with no load
19 V DC minimum at 20 mA
Current rating: ≤ 22 mA DC
Permissible load resistance:
LR (Ω) ≤ (19 – Min. Operational Voltage)V ÷ 0.02 A
• Shortcircuit Protection
Current limited: 35 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current:
Input resistor: Resistor incorporated
(24.9Ω for isolator use)
Maximum range: 0 – 20 mA DC
Minimum span: 2 mA
Offset: Lower range can be any specific value within the
input range provided that the minimum span is maintained.
OUTPUT SPECIFICATIONS
■ DC Current
Maximum range: 0 – 20 mA DC
Minimum span: 1 mA
Conformance range: 0 – 24 mA DC
(Negative overrange current below 0 mA is not available.)
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 12 V maximum
■ DC Voltage
Narrow Spans
Maximum range: -2.5 – +2.5 V DC
Minimum span: 250 mV
Conformance range: -3 – +3 V DC
Wide Spans
Maximum range: -10 – +10 V DC
Minimum span: 1 V
Conformance range: -11.5 – +11.5 V DC
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA maximum



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com