Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2XR2 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2XR2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XR2 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2XR2 Datasheet HTML 1Page - M-System Co.,Ltd. M2XR2 Datasheet HTML 2Page - M-System Co.,Ltd. M2XR2 Datasheet HTML 3Page - M-System Co.,Ltd. M2XR2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M2XR2
M2XR2 SPECIFICATIONS
ES-5087 Rev.11 Page 3/4
http://www.m-system.co.jp/
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example 1]
Input: Pt 100 (JIS ’97, IEC), 0 – 500°C
Output: 4 – 20 mA DC
1) ±0.15°C referred from Table 1, is converted into % by
the following equation: 0.15°C ÷ 500°C = 0.03%.
2) 0.03% ≤ 0.1% of span. ➠ 0.1% is selected.
3) Output span 16 mA (= 20 mA – 4 mA)
Max. span 20 mA
Output span ≥ 1/10 of max. span ➠ No need of adding
0.2%.
4) Overall accuracy equals ±0.1% of span
[Example 2]
Input: Pt 100 (JIS ’97, IEC), 0 – 100°C
Output: 2.0 – 2.5 V DC
1) ±0.15°C referred from Table 1, is converted into % by
the following equation: 0.15°C ÷ 100°C = 0.15%.
2) 0.15% ≥ 0.1% of span. ➠ 0.15% is selected.
3) Output span 0.5 V (= 2.5 V – 2.0 V)
Max. span 5 V
Output span ≤ 1/10 of max. span ➠ Add 0.2%.
4) Overall accuracy equals ±0.35% of span (0.15 + 0.2)
Table 1.
RTD
MIN.
SPAN
ACCURACY
USABLE RANGE
JPt 100 (JIS’89)
Pt 100 (JIS’97, IEC)
Pt 100 (JIS’89)
Pt 50Ω (JIS’81)
Ni 508.4Ω
Pt 1000
Ni 100
Cu 10 @25°C
°C
°C
°C
°C
°C
°C
°C
°C
°F
°F
°F
°F
°F
°F
°F
°F
20
36
20
36
20
36
20
36
20
36
20
36
20
36
20
36
-200 to +500
-328 to +932
-200 to +850
-328 to +1562
-200 to +850
-328 to +1562
-200 to +649
-328 to +1200
-50 to +200
-58 to +392
-200 to +200
-328 to +392
-50 to +200
-58 to +392
-50 to +200
-58 to +392
±0.15
±0.27
±0.15
±0.27
±0.15
±0.27
±0.15
±0.27
±0.15
±0.27
±0.15
±0.27
±0.15
±0.27
±0.50
±0.90
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com