Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2XR2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2XR2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XR2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2XR2 Datasheet HTML 1Page - M-System Co.,Ltd. M2XR2 Datasheet HTML 2Page - M-System Co.,Ltd. M2XR2 Datasheet HTML 3Page - M-System Co.,Ltd. M2XR2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M2XR2
M2XR2 SPECIFICATIONS
ES-5087 Rev.11 Page 2/4
http://www.m-system.co.jp/
RELATED PRODUCTS
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -15 to +115 %
(Negative current output is not provided.)
Manual zero adjustments: -5 to +5 %
(factory setting: 0 %)
Manual span adjustments: 95 to 105 %
(factory setting: 100 %)
Programming: Downloaded from PC; input type and range,
output range, zero and span, simulating output, etc.
Burnout: Upscale standard; downscale or no burnout
optional by programming
Linearization: Standard
Status indicator LED: Blinking patterns indicate different
operating status of the transmitter.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
INPUT SPECIFICATIONS
Maximum leadwire resistance: 20 Ω per wire (3-wire)
Sensing current: ≤ 1.0 mA
Temperature range: See Table 1.
If not specified, the input range is shown below.
1: JPt 100 (JIS '89) 0 – 100°C
3: Pt 100 (JIS '89) 0 – 100°C
4: Pt 100 (JIS '97, IEC) 0 – 100°C
5: Pt 50 Ω (JIS '81) 0 – 200°C
6:Ni 508.4 Ω 0 – 100°C
7: Pt 1000 0 – 100°C
8: Ni 100 0 – 100°C
9 :Cu 10 @25°C 0 – 100°C
OUTPUT SPECIFICATIONS
■ DC Current
Operational range: 0 – 24 mA DC
Output range: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 15 V max.
(e.g. 4 – 20 mA: 750 Ω [15 V ÷ 20 mA])
If not specified, the output range is 4 – 20 mA DC.
■ DC Voltage
Code V1 (narrow spans)
Operational range: -3 – +3 V DC
Output range: -2.5 – +2.5 V DC
Minimum span: 250 mV
Code V2 (wide spans)
Operational range: -11.5 – +11.5 V DC
Output range: -10 – +10 V DC
Minimum span: 1 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
(e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA])
If not specified, the output range is shown below.
V1: 0 – 1 V DC
V2: 1 – 5 V DC
INSTALLATION
Power Consumption
•AC:
Approx. 3 VA at 100 V
Approx. 4 VA at 200 V
Approx. 5 VA at 264 V
•DC: Approx. 2 W
Operating temperature: -30 to +60°C (-22 to +140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 120 g (0.26 lb)
PERFORMANCE
Accuracy: Table 1 value or ±0.1 % of span, whichever is
greater. Add 0.2 % when the output span equals 1/10 or
narrower of the max. span.
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
at -5 to +55°C [23 to 131°F]
Response time: ≤ 0.9 sec. (0 – 90 %)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com