Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2XR2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2XR2
Description  Super-mini Signal Conditioners Mini-M Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2XR2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2XR2 Datasheet HTML 1Page - M-System Co.,Ltd. M2XR2 Datasheet HTML 2Page - M-System Co.,Ltd. M2XR2 Datasheet HTML 3Page - M-System Co.,Ltd. M2XR2 Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M2XR2
M2XR2 SPECIFICATIONS
ES-5087 Rev.11 Page 1/4
http://www.m-system.co.jp/
Super-mini Signal Conditioners Mini-M Series
RTD TRANSMITTER
(PC programmable)
Functions & Features
• Accepts direct input from an RTD and provides a standard
process signal
• PC programmable
• User’s temperature table can be used
• Leadwire resistance compensation
Typical Applications
• Long distance transmission between the RTD and the
transmitter
• Combination with intrinsic safety barriers
Model
23 (.91)
76
(2.99)
mm (inch)
124
(4.88)
MODEL: M2XR2–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: M2XR2-[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. M2XR2-4Z1-R/BL/CE/Q)
Input Code 4: Pt 100 (JIS ’97, IEC) setting will be used if the
input code is not specified.
• Temperature range (e.g. 0 – 500°C)
• Output range (e.g. 4 – 20 mA DC)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT RTD (2- or 3-wire)
1: JPt 100 (JIS'89)
3: Pt 100 (JIS'89)
4: Pt 100 (JIS'97, IEC)
5: Pt 50 Ω (JIS'81)
6: Ni 508.4 Ω
7: Pt 1000
8: Ni 100
9: Cu 10 @25°C
0: Specify (Please provide a resistance table.)
Note: Consult M-System for 2-wire RTD
(Configurator software is used to change input type and
temperature range.)
[2] OUTPUT
Current
Z1: Range 0 – 20 mA DC
Voltage
V1: Range -2.5 – +2.5 V DC
V2: Range -10 – +10 V DC
(Configurator software is used to change output over the
described range of the selected suffix code. For changing
out of this range, set the Output Range Selectors inside the
unit before software adjustment.)
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
(90 – 264 V for UL)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(110 V ±10 % for UL)
[4] OPTIONS (multiple selections)
Burnout
blank: Upscale burnout
/BL: Downscale burnout
(UL not available)
/BN: No burnout
(UL not available)
Standards & Approvals (must be specified)
/N: Without CE or UL
/CE: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
TERMINAL SCREW MATERIAL
/S01: Stainless steel (UL not available)


Similar Part No. - M2XR2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2XRP2 MSYSTEM-M2XRP2 Datasheet
141Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2XRP2-000-M2 MSYSTEM-M2XRP2-000-M2 Datasheet
141Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2XRP2-000-M2/CE MSYSTEM-M2XRP2-000-M2/CE Datasheet
141Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2XRP2-000-M2/N MSYSTEM-M2XRP2-000-M2/N Datasheet
141Kb / 6P
Super-mini Signal Conditioners Mini-M Series
M2XRP2-000-M2/Q MSYSTEM-M2XRP2-000-M2/Q Datasheet
141Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2XR2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2AP MSYSTEM-M2AP Datasheet
133Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2AMS2 MSYSTEM-M2AMS2 Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2DYS MSYSTEM-M2DYS Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2DYHR MSYSTEM-M2DYHR Datasheet
107Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2BW MSYSTEM-M2BW Datasheet
88Kb / 2P
Super-mini Signal Conditioners Mini-M Series
M2LMS MSYSTEM-M2LMS Datasheet
116Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2FV MSYSTEM-M2FV Datasheet
113Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2PHS2 MSYSTEM-M2PHS2 Datasheet
128Kb / 5P
Super-mini Signal Conditioners Mini-M Series
M2XV2 MSYSTEM-M2XV2 Datasheet
118Kb / 4P
Super-mini Signal Conditioners Mini-M Series
M2VF MSYSTEM-M2VF Datasheet
111Kb / 6P
Super-mini Signal Conditioners Mini-M Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com