Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC554ALC3BTR-R5 Datasheet(PDF) 25 Page - Analog Devices

Part # HMC554ALC3BTR-R5
Description  10 GHz to 20 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC554ALC3BTR-R5 Datasheet(HTML) 25 Page - Analog Devices

Back Button HMC554ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 24Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 25Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
Data Sheet
HMC554ALC3B
Rev. A | Page 25 of 26
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 84 shows the typical application circuit for the
HMC554ALC3B. The HMC554ALC3B is a passive device
and does not require any external components. The IF pin
is internally dc-coupled. The RF and LO pins are internally
ac-coupled. When IF operation to dc is not required, using an
external series capacitor is recommended, of a value chosen to
pass the necessary IF frequency range. When IF operation to dc
is required, do not exceed the IF source and sink current rating
specified in the Absolute Maximum Ratings section.
GND
GND
RF
GND
LO
LO
RF
IF
GND
HMC554ALC3B
1
7
8
9
10
11
12
4
2
3
5
6
Figure 84. Typical Application Circuit
EVALUATION PCB INFORMATION
Use RF circuit design techniques for the circuit board used in
the application. Ensure that signal lines have 50 Ω impedance
and connect the package ground leads and the exposed pad
directly to the ground plane (see Figure 84). Use a sufficient
number of via holes to connect the top and bottom ground
planes. The evaluation circuit board shown in Figure 85 is
available from Analog Devices, Inc., upon request.
Table 7. List of Materials for Evaluation PCB
EV1HMC554ALC3B
Item
Description
J1, J2
PCB mount SRI 2.92 mm connectors
J3
PCB mount Johnson SMA connector
U1
HMC554ALC3B
PCB1
117611-1 evaluation board on Rogers 4350
1
117611-1 is the raw bare PCB identifier. Reference EV1HMC554ALC3B when
ordering complete evaluation PCB.
J1
J3
IF
LO
RF
117611–1
U1
J2
554A
Figure 85. Evaluation PCB Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com