Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC554ALC3BTR-R5 Datasheet(PDF) 20 Page - Analog Devices

Part # HMC554ALC3BTR-R5
Description  10 GHz to 20 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC554ALC3BTR-R5 Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC554ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
HMC554ALC3B
Data Sheet
Rev. A | Page 20 of 26
–35
–30
–25
–20
–15
–10
–5
0
10
11
12
13
14
15
16
17
18
19
20
LO FREQUENCY (GHz)
Figure 73. LO Return Loss vs. LO Frequency at LO = 13 dBm,
TA = 25°C
10
11
12
13
14
15
16
17
18
19
20
0
–35
–30
–25
–20
–15
–10
–5
RF FREQUENCY
LO = 15dBm
LO = 13dBm
LO = 11dBm
LO = 9dBm
Figure 74. RF Return Loss vs. RF Frequency at LO Power Levels,
TA = 25°C, LO = 15 GHz
0
–35
–30
–25
–20
–15
–10
–5
0
1
2
3
4
5
6
IF FREQUENCY
LO = 15dBm
LO = 13dBm
LO = 11dBm
LO = 9dBm
Figure 75. IF Return Loss vs. IF Frequency at LO Power Levels,
TA = 25°C, LO = 15 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com