Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC554ALC3BTR-R5 Datasheet(PDF) 23 Page - Analog Devices

Part # HMC554ALC3BTR-R5
Description  10 GHz to 20 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC554ALC3BTR-R5 Datasheet(HTML) 23 Page - Analog Devices

Back Button HMC554ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 24Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 25Page - Analog Devices HMC554ALC3BTR-R5 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
HMC554ALC3B
Rev. A | Page 23 of 26
SPURIOUS AND HARMONICS PERFORMANCE
Mixer spurious products are measured in dBc from the IF output
power level. N/A means not applicable.
LO Harmonics
LO = 13 dBm, all values in dBc below input LO level and
measured at RF port.
Table 5. LO Harmonics at RF
N × LO Spur at RF Port
LO Frequency (GHz)
1
2
3
4
12
39
39
59
57
13
38
40
70
N/A
15
38
48
49
N/A
16
37
56
50
N/A
18
36
54
N/A
N/A
19
36
53
N/A
N/A
21
36
46
N/A
N/A
LO = 13 dBm, all values in dBc below input LO level and
measured at IF port.
Table 6. LO Harmonics at IF
N × LO Spur at IF Port
LO Frequency (GHz)
1
2
3
4
12
38
77
67
89
13
41
63
74
N/A
15
44
72
56
N/A
16
42
53
56
N/A
18
44
79
N/A
N/A
19
53
70
N/A
N/A
21
47
75
N/A
N/A
M × N Spurious Outputs
Downconverter, Upper Sideband
Spur values are (M × RF) − (N × LO).
RF = 15.1 GHz at −10 dBm, LO = 15 GHz at 13 dBm.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
14
47
27
N/A
N/A
1
48
0
70
72
65
N/A
2
75
77
60
79
74
68
3
65
74
79
70
78
71
4
N/A
60
74
80
88
78
5
N/A
N/A
56
72
81
88
Upconverter, Upper Sideband
Spur values are (M × IF) + (N × LO).
IFIN = 100 MHz at −10 dBm, LO = 15 GHz at 13 dBm.
N × LO
0
1
2
3
M × IF
−5
89
80
73
67
−4
88
79
73
68
−3
91
66
74
66
−2
91
67
74
66
−1
36
0
35
20
0
N/A
6
17
22
+1
36
0
35
19
+2
88
63
73
65
+3
90
63
74
66
+4
90
80
73
65
+5
88
78
72
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com