Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LU Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M3LU
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LU Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M3LU Datasheet HTML 1Page - M-System Co.,Ltd. M3LU Datasheet HTML 2Page - M-System Co.,Ltd. M3LU Datasheet HTML 3Page - M-System Co.,Ltd. M3LU Datasheet HTML 4Page - M-System Co.,Ltd. M3LU Datasheet HTML 5Page - M-System Co.,Ltd. M3LU Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: M3LU
M3LU SPECIFICATIONS
ES-2652 Rev.20 Page 3/6
http://www.m-system.co.jp/
PERFORMANCE
Accuracy: See Table 1.
Cold junction compensation error:
±0.5°C maximum at 10 – 40°C
±1.0°C maximum at 0 – 50°C
±0.9°F maximum at 50 – 104°F
±1.8°F maximum at 32 – 122°F
Temp. coefficient:
±0.015 %/°C [±0.008 %/°F] at -5 to +55°C [23 to 131°F] of
max. range
±0.03 %/°C [±0.016 %/°F] for the following conditions:
• DC, T/C input spans ≤ 10 mV
• RTD, potentiometer, resistance spans ≤ 80 Ω
• in an ambient exceeding 55°C [131°F] or below -5°C
[23°F]
Response time: ≤ 0.2 sec. (0 – 90 %, DC input)
With the Option A, the Sync Filter set to the fastest
frequency on the PC Configurator Software. Default is set to
have 0.5 sec. response.
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength
AC powered: 2000 V AC @ 1 minute
(input to output to power to ground)
DC powered: 1500 V AC @ 1 minute
(input to output or power to ground)
500 V AC @ 1 minute (output to power)
CALCULATION EXAMPLES OF OVERALL ACCURACY
■ CALCULATION EXAMPLES OF OVERALL ACCURACY IN %
• DC Voltage
1) 0 – 200 mV
Absolute value accuracy (Table 1): 40μV
40μV ÷ 200000μV × 100 = 0.02 % < 0.1 %
➠ Overall accuracy = ±0.1 % of span
2) 0 – 4 mV
Absolute value accuracy (Table 1): 10μV
10μV ÷ 4000μV × 100 = 0.25 % > 0.1 %
➠ Overall accuracy = ±0.25 % of span
• Thermocouple
1) K thermocouple, 0 – 1000°C
Absolute value accuracy (Table 1): 0.25°C
CJC error (0.5°C) added: 0.75°C
0.75°C ÷ 1000°C × 100 = 0.075 % < 0.1 %
➠ Overall accuracy including CJC error = ±0.1 % of span
2) K thermocouple, 50 – 150°C
Absolute value accuracy (Table 1): 0.25°C
CJC error (0.5°C) added: 0.75°C
0.75°C ÷ (150 – 50)°C × 100 = 0.75 % > 0.1 %
➠ Overall accuracy including CJC error = ±0.75 % of span
• RTD
1) Pt 100, -200 – 800°C
Absolute value accuracy (Table 1): 0.15°C
0.15°C ÷ (800 – -200)°C × 100 = 0.015 % < 0.1 %
➠ Overall accuracy = ±0.1 % of span
2) Pt 100, 0 – 100°C
Absolute value accuracy (Table 1): 0.15°C
0.15°C ÷ 100°C × 100 = 0.15 % > 0.1 %
➠ Overall accuracy = ±0.15 % of span
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EN 50581
Approval:
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.1010-1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com