Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LU Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M3LU
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LU Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M3LU Datasheet HTML 1Page - M-System Co.,Ltd. M3LU Datasheet HTML 2Page - M-System Co.,Ltd. M3LU Datasheet HTML 3Page - M-System Co.,Ltd. M3LU Datasheet HTML 4Page - M-System Co.,Ltd. M3LU Datasheet HTML 5Page - M-System Co.,Ltd. M3LU Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: M3LU
M3LU SPECIFICATIONS
ES-2652 Rev.20 Page 2/6
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length: 8
mm)
Housing material: Flame-resistant resin (gray)
Isolation: Input to output to power
Overrange output: -15 to +115 %
Zero adjustment: -15 to +15 % (front)
Span adjustment: 85 to 115 % (front)
Burnout (other than current or voltage (V) input): Upscale,
downscale or no burnout selectable; Also detects wire
breakdown and overrange input exceeding the electrical
design limit for DC input.
Linearization (thermocouple & RTD input): Standard
Cold junction compensation (T/C): CJC sensor (included) to
be attached to the input terminals
Status indicator LED: Tri-color (green/amber/red) LED;
Blinking patterns indicate operation status of the
transmitter.
Configuration:
PC Configurator: (Model: M3LUCFG) via Windows PC
connected to th front jack.
Programmable features include:
• I/O type and range
• Zero and span adjustments
• Burnout action
• User’s linearization table setting
• User’s T/C, RTD table setting
(Refer to the instruction manual)
‘One-Step Cal’ calibration: With I/O type and the full-scale
range configured via the internal DIP switches, precise 0 %
and 100 % ranges are calibrated via the front control
buttons with a help of LED. Also I/O calibration and fine
adjustment are available with a PC.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
INPUT SPECIFICATIONS
Input type and range are configurable. See Table 1 for the
available input type, the minimum span, the maximum
range, the conformance range and the input conversion
accuracy.
For type and range configuration, refer to the instruction
manual.
■ DC current: 50 Ω resistor incorporated
■ DC mV & voltage
Input resistance: ≥ 1 MΩ
■ Thermocouple
Input resistance: ≥ 1 MΩ
Burnout sensing: 130 nA ± 10 %
■ RTD (2-wire, 3-wire or 4-wire)
Excitation: 0.2 mA ± 10 %
Allowable leadwire resistance: Max. 20 Ω per wire
■ Resistance (2-wire, 3-wire or 4-wire)
Excitation: 0.2 mA ±10 %
Allowable leadwire resistance: Max. 20 Ω per wire
■ Potentiometer
Excitation: 0.2 mA ±10 %
Allowable leadwire resistance: Max. 20 Ω per wire
OUTPUT SPECIFICATIONS
Output type and range are as follows.
For type and range configuration, refer to the instruction
manual.
■ DC Current
Maximum range: 0 – 20 mA DC
Minimum span: 1 mA
Conformance range: 0 – 24 mA DC
(Negative overrange current below 0 mA is not available.)
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 15 V maximum at 22 mA
■ DC Voltage
Narrow Spans
Maximum range: -2.5 – +2.5 V DC
Minimum span: 250 mV
Conformance range: -3 – +3 V DC
Wide Spans
Maximum range: -10 – +10 V DC
Minimum span: 1 V
Conformance range: -11.5 – +11.5 V DC
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 10 mA maximum; 5 mA for
negative output
INSTALLATION
Power Consumption
•AC:
Approx. 4 VA at 100 V
Approx. 5 VA at 200 V
Approx. 6 VA at 264 V
•DC: Approx. 2 W
Operating temperature: -25 to +65°C (-13 to +149°F)
Max. 55°C (131°F) for UL approval
Operating humidity: 0 to 95 %RH (non-condensing)
Mounting: DIN rail
Weight: 100 g (3.53 oz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com