Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LU Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M3LU
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LU Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M3LU Datasheet HTML 1Page - M-System Co.,Ltd. M3LU Datasheet HTML 2Page - M-System Co.,Ltd. M3LU Datasheet HTML 3Page - M-System Co.,Ltd. M3LU Datasheet HTML 4Page - M-System Co.,Ltd. M3LU Datasheet HTML 5Page - M-System Co.,Ltd. M3LU Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: M3LU
M3LU SPECIFICATIONS
ES-2652 Rev.20 Page 4/6
http://www.m-system.co.jp/
EXTERNAL VIEW
8 7 6 5 4 3 2 1
ON
OFF
ON
OFF
4 3 2 1
Configuration DIP SW
10 11 12
7
8
9
4
5
6
1
2
3
Configurator Jack
DOWN Button
UP Button
MODE Button
LED3 (LD3)
LED2 (LD2)
LED1 (LD1)
■ FRONT VIEW
■ SIDE VIEW
SW3
SW2
SW1
JP2
2
1
3
JP2
2
1
3
JP2
2
1
3
*
*For Voltage Input (V) range, switch the JP2 jumper to the 2 – 3 position.
Normal Position
(other than DC Voltage [V] range)
DC Voltage [V] Range Position
The DIP switch setting is required to select output types before setting a precise output range using the PC configurator
software.
For detailed information on the configuration and calibration, refer to the instruction manual.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com