Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH313FN106ZP Datasheet(PDF) 3 Page - Rohm

Part # MCH313FN106ZP
Description  Multi-layer ceramic chip capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH313FN106ZP Datasheet(HTML) 3 Page - Rohm

  MCH313FN106ZP Datasheet HTML 1Page - Rohm MCH313FN106ZP Datasheet HTML 2Page - Rohm MCH313FN106ZP Datasheet HTML 3Page - Rohm MCH313FN106ZP Datasheet HTML 4Page - Rohm MCH313FN106ZP Datasheet HTML 5Page - Rohm MCH313FN106ZP Datasheet HTML 6Page - Rohm MCH313FN106ZP Datasheet HTML 7Page - Rohm MCH313FN106ZP Datasheet HTML 8Page - Rohm MCH313FN106ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MCH31
Ceramic capacitors
3/10
•Performance and test method
Items
Performance
Appearance and
dimensions
No marked defects shall be allowed
for appearance.
Dimensions shall be as specified the
clause 4.
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.4 of JIS C 5101-1.
As per 4.5 of JIS C 5101-10
Using a Magnifier.
As per 4.5 of JIS C 5101-1.
As per 4.6.3 of JIS C 5101-10
Measurements shall be made after
60
+/−5s period of the rated voltage
applied.
As per 4.6 of JIS C 5101-1.
As per 4.6.4 of JIS C 5101-10
Voltage shall be applied as per Table1.
As per 4.7 of JIS C 5101-1.
As per 4.6.1 of JIS C 5101-10
Measurements shall be made under the
conditions specified in Table 2.
No.
1
Withstanding voltage
No dielectrical breakdown or other
damage shall be allowed.
Capacitance shall be
within specified tolerance range.
2
Insulation resistance
3
Capacitance
4
Table 1
Charac-
teristic
Voltage
300% Rated voltage
250% Rated voltage
A, AN
CN
FN
Table 2
Voltage shall be applied for 1 to 5s with
50mA charging and discharging current.
Not less than 10000M
Ω or
500M
Ω µF, whichever is less.
(For products with rated voltage less
than 16V, it is not less than 10000M
Ω
or 100M
Ω µF, whichever is less.)
Charac-
teristic
A, AN
CN
FN
<
− 10µF
<
− 1000pF
> 10
µF
> 1000pF
1
+/−0.1KHz
1
+/−0.1Vrms.
120
+/−24Hz
0.5
+/−0.2Vrms.
1
+/−0.1kHz
1
+/−0.1Vrms.
1
+/−0.1MHz
1
+/−0.1Vrms.
Frequency
Voltage
Dielectric loss tangent
As per 4.8 of
JIS C 5101-1.
As per 4.6.2 of
JIS C 5101-10
Measurements shall be made under the
conditions specified in Table 2.
5
A, A N
C N
F N
<
Rated voltage 25V
tan
δ 3.0%
<
Rated voltage=16,10V
tan
δ 5.0%
Rated voltage=50V
tan
δ 5.0%
Rated voltage=25V
tan
δ 7.5%
tan
δ 0.1%
<
−
< −
<
−
<
−
Rated voltage=16V
tan
δ 10.0%
Rated voltage=10V,6.3V
tan
δ 12.5%
<
−
<
−
−
−
<
Rated voltage=6.3V
tan
δ 10.0%
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com