Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH313FN106ZP Datasheet(PDF) 4 Page - Rohm

Part # MCH313FN106ZP
Description  Multi-layer ceramic chip capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH313FN106ZP Datasheet(HTML) 4 Page - Rohm

  MCH313FN106ZP Datasheet HTML 1Page - Rohm MCH313FN106ZP Datasheet HTML 2Page - Rohm MCH313FN106ZP Datasheet HTML 3Page - Rohm MCH313FN106ZP Datasheet HTML 4Page - Rohm MCH313FN106ZP Datasheet HTML 5Page - Rohm MCH313FN106ZP Datasheet HTML 6Page - Rohm MCH313FN106ZP Datasheet HTML 7Page - Rohm MCH313FN106ZP Datasheet HTML 8Page - Rohm MCH313FN106ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MCH31
Ceramic capacitors
4/10
Resistance
to soldering
heat
As per 4.14 of
JIS C 5101-1.
As per 4.10 of
JIS C 5101-10
The solder specified in JIS Z 3282. H63A
shall be used.
The specimens shall be immersed into the
solder at 260
+/−5°C for 5+/−0.5s so that
both end terminations are completely
under the solder.
Pre-heating at 150
+/−10°C for 1 to 2min
Initial measurements prior to test shall be
performed after the thermal
Pre-conditioning specified in Remarks (1).
Final measurements shall be made after the
specimens have been left at room
temperature as per Table3.
As per 4.13 of JIS C 5101-1.
As per 4.8 ofJIS C 5101-10
A 5N weight for
10
+/−1s shall be applied
to the soldered specimens as shown by the
arrow mark in the below sketch.
8
End termination
adherence
9
A, A N
C N
F N
Within
+/−2.5%
Within
+/−7.5%
Within
+/−20%
Appearance
Dielectric
loss
tangent
Within specified initial value.
Insulation
resistance
Within specified initial value.
Withstanding
voltage
No defects shall be allowed.
Without peeling or sign of
peeling shall be allowed
on the end terminations.
Change
rate from
initial value
Without mechanical damage.
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
A, AN
CN, FN
Applied pressure
Capacitor
Substrate
Items
Performance
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.24 of JIS C 5101-1.
As per 4.7 of JIS C 5101-10
Temperature coefficient shall be calculated
at 20
°C and 85°C.
As per 4.24 of JIS C 5101-1.
As per 4.7 of JIS C 5101-10
If required, measurements shall be made
at a given temperature.
As per 4.15.2 of JIS C 5101-1.
As per 4.11 of JIS C 5101-10
The solder specified in JIS Z 3282 H63A
shall be used. Ans the flux containing 25%
rosin and ethanol solution shall be used.
The specimens shall be immersed into the
solder at 235
+/−5°C for 2+/−0.5s
So that both end terminations are
completely under solder.
No.
Temperature
characteristic
More than 3/4 of each end
termination shall be covered with
new solder.
6
Solderability
7
A, A N
C N
F N
0
+/−30ppm / °C
(
−55°C to +125°C)
+30%, −80%
(
−25°C to +85°C)
+22%, −82%
(
−30°C to +85°C)
+/−10%
(
−25°C to +85°C)
+/−15%
(
−55°C to +85°C)
X5R
B
+/−15%
(
−55°C to +125°C)
X7R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com