Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH313FN106ZP Datasheet(PDF) 5 Page - Rohm

Part # MCH313FN106ZP
Description  Multi-layer ceramic chip capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH313FN106ZP Datasheet(HTML) 5 Page - Rohm

  MCH313FN106ZP Datasheet HTML 1Page - Rohm MCH313FN106ZP Datasheet HTML 2Page - Rohm MCH313FN106ZP Datasheet HTML 3Page - Rohm MCH313FN106ZP Datasheet HTML 4Page - Rohm MCH313FN106ZP Datasheet HTML 5Page - Rohm MCH313FN106ZP Datasheet HTML 6Page - Rohm MCH313FN106ZP Datasheet HTML 7Page - Rohm MCH313FN106ZP Datasheet HTML 8Page - Rohm MCH313FN106ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MCH31
Ceramic capacitors
5/10
Items
Performance
Vibration
Test Method
(As per JIS C 5101-1, JIS C 5101-10)
As per 4.17 of
JIS C 5101-1.
The specimens shall be soldered on the
specified test jig.
Initial measurements shall be made after
the thermal pre-conditioning specified in
Remarks(1).
Final measurements shall be made after the
specimens have been left at room
temperature as per Table3.
[Condition]
Directions : 2h each X, Y and Z directions
Total : 6h
Frequency range : 10 to 55 to 10Hz(1min)
Applitude : 1.5mm
(shall not exceed acceleration196m/s2)
As per 4.16 of JIS C 5101-1
As per 4.12 of JIS C 5101-10
The specimens shall be soldered on the test
jig shown in Remarks.
Temperature cycle : 100cycles Initial
measurements prior to test shall be
performed after the thermal
per-conditioning specified in Remarks (1).
Final measurements shall be made after the
specimens have been left at room
temperature as per Table3.
No.
11
Temperature
cycling
12
Dielectric
loss
tangent
A, A N
C N
C N
Rated vcoltage
25V,16V,10V
Rated vcoltage
6.3V
F N
F N
Capacitance shall be
within specified
tolerance range.
Within
+/−7.5%
Within
+/−7.5%
Within
+/−15%
Within
+/−20%
Within
+/−20%
Within
+/−2.5%
Appearance
Dielectric
loss
tangent
Within specified initial value.
Change
rate from
initial value
A, A N
Change
rate from
initial value
Without mechanical damage.
Without mechanical damage.
Appearance
Within specified initial value.
Insulation
resistance
Within specified initial value.
Withstanding
voltage
No defects shall be allowed.
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
A, AN
CN, FN
Table3
24
+/−2 h
48
+/−4 h
Charac-
teristic
Time
A, AN
CN, FN
30
+/−3
30
+/−3
Test condition
Step
1
2
3
4
Temp. (
°C)
Time (min)
Min operating temp.
Room temp.
Room temp.
Max operating temp.
3
<−
3
<−
As per 4.35 of JIS C 5101-1.
As per 4.9 of JIS C 5101-10
Glass epoxy board with soldered
specimens shall be bent till 1mm by
1.0mm/s.
Bending
strength
10
Appearance
Without mechanical damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com