Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1521 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1521
Description  USB dedicated charging port controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1521 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1521 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
第
4页
电特性:
除非特殊说明,测试条件为
–40°C ≤ (TJ= TA) ≤ 125°C, 4.5V ≤ VIN ≤ 5.5V。 流进PIN脚的为正向电流。典
型值测试温度为
25℃,所有电压都以GND作为参考点。
参数名称
符号
测试条件
最小
典型
最大
单位
欠压锁定
IN管脚启动阈值电压
VUVLO
3.89
4.15
4.38
V
欠压迟滞
100
mV
电源电流
IN脚电源电流
IIN
4.5 V ≤ V IN ≤ 5.5 V
155
231
µA
BC 1.2 DCP 模式(短路模式)
DP1和DM1短路电阻
RDPM_SHORT1
VDP1=0.8V,
IDM1= 1mA
157
200
Ω
DP1/DM1到地电阻
RDCHG_SHORT1
VDP1=0.8V
350
656
1150
kΩ
DP1跳回分压模式的阈值电压
VDPL_TH_DETACH1
310
330
350
mV
欠压迟滞
*
VDPL_TH_DETACH_
HYS1
50
mV
分压模式
DP1输出电压
VDP1_2.7V
VIN=5V
2.56
2.7
2.87
V
DM1输出电压
VDM1_2V
VIN=5V
1.89
2
2.14
V
DP1输出阻抗
RDP1_PAD1
IDP1=-5µA
23.9
30
36.1
kΩ
DM1输出阻抗
RDM1_PAD1
IDM1=-5µA
23.9
30
36.1
kΩ
1.2V/1.2V 模式
DP1输出电压
VDP1_2.7V
VIN=5V
1.11
1.2
1.29
V
DM1输出电压
VDM1_2V
VIN=5V
1.11
1.2
1.29
V
DP1输出阻抗
RDP1_PAD1
IDP1=-5µA
79.9
102
130.1
kΩ
DM1输出阻抗
RDM1_PAD1
IDM1=-5µA
79.9
102
130.1
kΩ
* 由设计保证,非测试参数。
1521
1521



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com