Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1521 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1521
Description  USB dedicated charging port controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1521 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1521 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1521 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
第
2页
功能框图:
管脚排列图:
管脚描述:
管脚号
管脚名称
类型
功能描述
1
DP1
输入
/
输出
连接到
USB 口的 D+或 D-上,为插入的便携设备提供正确的 DCP 检
测信号
2
GND
地
连接到地
3
NC
无连接
4
NC
无连接
5
IN
电源
电源端,在
IN 到 GND 上接一个大于 0.1μF 的陶瓷电容,离器件越
近越好
6
DM1
输入
/
输出
连接到
USB 口的 D+或 D-上,为插入的便携设备提供正确的 DCP 检
测信号
1521



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com