Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6PSM Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M6PSM
Description  POWER SUPPLY MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6PSM Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M6PSM Datasheet HTML 1Page - M-System Co.,Ltd. M6PSM Datasheet HTML 2Page - M-System Co.,Ltd. M6PSM Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: M6-PSM
M6-PSM SPECIFICATIONS
ES-9196 Rev.6 Page 3/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1 2 3
LOCKING CLAMP
POSITIONING GUIDE
90 (3.54)
6.5
(.26)
18 (.71)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
2
3
U
V
24V DC POWER
Control
Circuit
POWER LED
Output
Driver
POWER INPUT
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com