Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6PSM Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M6PSM
Description  POWER SUPPLY MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6PSM Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M6PSM Datasheet HTML 1Page - M-System Co.,Ltd. M6PSM Datasheet HTML 2Page - M-System Co.,Ltd. M6PSM Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: M6-PSM
M6-PSM SPECIFICATIONS
ES-9196 Rev.6 Page 2/3
http://www.m-system.co.jp/
CURRENT CONSUMPTION
In order to operate M6x signal conditioners, it is required
that the total maximum current of the signal conditioners is
not more than the continuous output current (400mA) of M6
-PSM.
If the power supply (24V DC) of M6-PSM goes insufficient,
take some measures, such as changing the combination of
signal conditioners or reducing the number of them
mounted.
M6DCTC, M6NCTC, M6SCTC 25 mA
M6DDY, M6NDY, M6SDY 50 mA
M6DPA, M6NPA, M6SPA 25 mA
M6DPP, M6NPP, M6SPP 50 mA
M6DVF, M6NVF, M6SVF 30 mA
M6DVS, M6NVS, M6SVS 25 mA
M6DWVS, M6NWVS, M6SWVS 30 mA
M6DXAP, M6NXAP, M6SXAP 50 mA
M6DXAR, M6NXAR, M6SXAR 25 mA
M6DXAS, M6NXAS, M6SXAS 25 mA
M6DXAT, M6NXAT, M6SXAT 25 mA
M6DXF1, M6NXF1, M6SXF1 25 mA
M6DXF2, M6NXF2, M6SXF2 25 mA
M6DXF3, M6NXF3, M6SXF3 25 mA
M6DXM, M6NXM, M6SXM 25 mA
M6DXR, M6NXR, M6SXR 25 mA
M6DXT, M6NXT, M6SXT 25 mA
M6DXU, M6NXU, M6SXU 25 mA
M6DXV, M6NXV, M6SXV 25 mA
M6DYV, M6NYV, M6SYV 21 mA
EXTERNAL VIEW
1 2 3
POWER
Power LED
Euro Type
Connector Terminal



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com