Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6PSM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6PSM
Description  POWER SUPPLY MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6PSM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6PSM Datasheet HTML 1Page - M-System Co.,Ltd. M6PSM Datasheet HTML 2Page - M-System Co.,Ltd. M6PSM Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M6-PSM
M6-PSM SPECIFICATIONS
ES-9196 Rev.6 Page 1/3
http://www.m-system.co.jp/
POWER SUPPLY MODULE
(for AC power use)
Functions & Features
• Supplying power to M6D, M6N, M6S series signal
conditioners through an installation base (model: M6xBS-
08A)
• Universal AC power input
• Power indicator LED
96.5
(3.80)
18 (.71)
90
(3.54)
mm (inch)
MODEL: M6–PSM[1]
ORDERING INFORMATION
• Code number: M6-PSM[1]
Specify a code from below for [1].
(e.g. M6-PSM/Q)
• Specify the specification for option code /Q
(e.g. /C01)
POWER INPUT
AC Power
100 – 240 V AC (Operational voltage range 90 – 264 V,
47 – 66 Hz)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• Euro Terminal Ultra-Slim Signal Conditioners M6D Series
• Screw Terminal Ultra-Slim Signal Conditioners M6N Series
• Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
GENERAL SPECIFICATIONS
Connection
Power input: Euro type connector terminal,
Applicable wire size: 0.2 - 2.5 mm2 (AWG24 - 12), Stripped
length 7 mm
24 V DC power: Via the Installation Base (model: M6xBS-
08A)
Housing material: Flame-resistant resin (black)
Isolation: 24 V DC power to power input
Power LED: Green light turns on when the power is supplied.
INSTALLATION
Power Consumption
•AC:
Approx. 25 VA at 100 V
Approx. 30 VA at 200 V
Approx. 35 VA at 264 V
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Installation Base (model: M6xBS-08A)
Weight: 200 g (0.44 lb)
PERFORMANCE
Output: 24 V ±1 V DC, 400 mA (continuance)
Arrange in order that the total current consumed by the
signal conditioners is within this capacity.
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (24 V DC power
to power input to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
24 V DC power to power input:
Reinforced insulation (300 V)
RoHS Directive
EN 50581


Similar Description - M6PSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1207-0446-07-P1 ETC2-1207-0446-07-P1 Datasheet
69Kb / 2P
Power Module Controlled Power Supply
logo
Festo Corporation.
576569 FESTO-576569 Datasheet
85Kb / 1P
Power supply module
8/7/22
560950 FESTO-560950 Datasheet
79Kb / 1P
Power supply module
8/8/22
560951 FESTO-560951 Datasheet
82Kb / 1P
Power supply module
8/8/22
560952 FESTO-560952 Datasheet
82Kb / 1P
Power supply module
8/8/22
560953 FESTO-560953 Datasheet
83Kb / 1P
Power supply module
8/8/22
560954 FESTO-560954 Datasheet
82Kb / 1P
Power supply module
8/8/22
570774 FESTO-570774 Datasheet
77Kb / 1P
Power supply module
8/8/22
573645 FESTO-573645 Datasheet
82Kb / 1P
Power supply module
8/8/22
573646 FESTO-573646 Datasheet
83Kb / 1P
Power supply module
8/8/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com