Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2012W Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2012W
Description  2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2012W Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2012W Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Decoupling Capacitor (CS)
The
HM2012 is a high-performance Class-D audio
amplifier that requires adequate power supply
decoupling to ensure the efficiency is high and total
harmonic distortion (THD) is low. For higher
frequency transients, spikes, or digital hash on the
line a good low equivalent-series-resistance (ESR)
ceramic capacitor, typically 1µF, placed as close as
possible to the device PVDD lead works best. Placing
this decoupling capacitor close to the
HM2012 is
important for the efficiency of the Class-D amplifier,
because any resistance or inductance in the trace
between the device and the capacitor can cause a
loss in efficiency. For filtering lower-frequency noise
signals, a 4.7µF or greater capacitor placed near the
audio power amplifier would also help, but it is not
required in most applications because of the high
PSRR of this device.
Audio Amplifier Gain Setting
The
HM2012 features four internally configured gain
settings. The device gain is selected through the two
gain select pins, G0 and G1. The gain settings are
shown in the following table.
G1
G2
Gain (V/V)
Gain (dB)
RI (KΩ)
0
0
2
6
28.1
0
1
4
12
17.3
1
0
8
18
9.8
1
1
16
24
5.2
Gain Setting Table
Input Capacitors (CI)
The input capacitors and input resistors form a
high-pass filter with the corner frequency, fC,
determined in Equation 1.
)
C
R
(2
1
f
I
I
c
π
=
(1)
The value of the input capacitor is important to
consider as it directly affects the bass (low
frequency) performance of the circuit. Speakers in
wireless phones cannot usually respond well to low
frequencies, so the corner frequency can be set to
block low frequencies in this application. Not using
input capacitors can increase output offset.
Equation 2 is used to solve for the input coupling
capacitance.
)
(
C
I
I
f
R
C
π
2
1
=
(2)
If the corner frequency is within the audio band, the
capacitors should have a tolerance of ±10% or
better, because any mismatch in capacitance
causes an impedance mismatch at the corner
frequency and below.
Operation with DACs and CODECs
In using Class-D amplifiers with CODECs and DACs,
sometimes there is an increase in the output noise
floor from the audio amplifier. This occurs when
mixing of the output frequencies of the CODEC/DAC
mix with the switching frequencies of the audio
amplifier input stage. The noise increase can be
solved by placing a low-pass filter between the
CODEC/DAC and audio amplifier. This filters off the
high frequencies that cause the problem and allow
proper performance.
Filter Free Operation and Ferrite Bead
Filters
A ferrite bead filter can often be used if the design is
failing radiated emissions without an LC filter and
the frequency sensitive circuit is greater than 1MHz.
This filter functions well for circuits that just have to
pass FCC and CE because FCC and CE only test
radiated emissions greater than 30MHz. When
choosing a ferrite bead, choose one with high
impedance at high frequencies, and very low
impedance at low frequencies. In addition, select a
ferrite bead with adequate current rating to prevent
distortion of the output signal.
Use an LC output filter if there are low frequency
(<1MHz) EMI sensitive circuits and/or there are long
leads from amplifier to speaker.
Figure 6 shows typical ferrite bead and LC output
filters.
Figure6. Typical ferrite chip bead filter
HM2012



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com