Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2012W Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2012W
Description  2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2012W Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2012W Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Ordering Information
P/N
TEMP RANGE
PIN-PACKAGE
HM2012Q
-40°C to +85°C
20 pin QFN
HM2012W
-40°C to +85°C
16 ball WCSP
Note: The
HM2012 is thermally limited in WCSP and may not achieve 2.1W/ch for 4Ω.
Absolute Maximum Ratings
Supply Voltage (VDD) in active mode
-0.3 V to 5.5V
Supply Voltage (VDD) in shutdown mode
-0.3 V to 6.0V
Input Voltage (VI)
-0.3V to VDD+0.3V
Operating Free-air Temperature range (TA)
-40°C to 85°C
Operating Junction Temperature range (TJ)
-40°C to +125°C
Storage Temperature (TSTG) range
-65°C to +150°C
Operation Ratings
Supply Voltage (VDD)
2.7V to 5.5V
High Level Input Voltage (VIH)
1.3V to VDD
Low Level Input Voltage (VIL)
0 to 0.35V
Operating Temperature (TA)
-40°C to +85°C
Electrical Characteristics
TA=25°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
∣
VOO∣
Output offset voltage (measured
differentially)
Inputs
ac
grounded,
AV=6dB,
VDD=2.7V to 5.5V
5
25
mV
PSRR
Power supply rejection ratio
VDD=2.7V to 5.5V
-75
-55
dB
CMRR
Common mode rejection ratio
Inputs shouted together,
VDD=2.7V to 5.5V
-70
-50
dB
∣
IIH∣
High-level input current
VDD=5.5V, VI= VDD
50
μA
∣
IIL∣
Low-level input current
VDD=5.5V, VI=-0V
5
μA
VDD=5.5V, no load or output filter
7.5
10
IDD
Supply current
VDD=3.6V, no load or output filter
5.5
8
mA
VDD=5.5V
420
rDS(ON)
Static
Drain-source
On-state
Resistance
VDD=3.6V
520
mΩ
Output impedance in SHUTDOWN
V(SHOUTDOWN)=0.35V
2
kΩ
f(SW)
Switching frequency
VDD=2.7V to 5.5V
250
300
350
kHZ
G0, G1=0.35V
5.5
6
6.5
G0= VDD, G1=0.35V
11.5
12
12.5
G0=0.35V, G1= VDD
17.5
18
18.5
Closed-loop voltage gain
G0, G1= VDD
23.5
24
24.5
dB
HM2012



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com