Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2012W Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2012W
Description  2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2012W Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2012W Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2012W Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Operating Characteristics
TA=25°C, RL=8Ω
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
THD+N=10%, f=1kHz, RL=4Ω
VDD=5V
2.1
VDD=5V
1.5
PO
Output
power
(per
channel)
THD+N=10%, f=1kHz, RL=8Ω
VDD=3.6V
0.75
W
VDD=5V, PO=1W, AV=6dB, f=1kHz
0.14%
THD+N
Total harmonic distortion
plus noise
VDD=5V, PO=0.5W, AV=6dB, f=1kHz
0.10%
Channel crosstalk
f=1KHz
-85
dB
VDD=5V, AV=6dB, f=217Hz
-75
kSVR
Supply
ripple
rejection
ratio
VDD=3.6V, AV=6dB, f=217Hz
-70
dB
No weighting
35
μV
Vn
Output voltage noise
VDD=3.6V, f=20 to 20KHz,
Inputs ac-grounded, AV=6dB
A weighting
27
CMRR
Common mode rejection
ratio
VDD=3.6V, VIC=1Vpp
f=217Hz
-70
dB
AV=6dB
28.1
kΩ
AV=12dB
17.3
AV=18dB
9.8
ZI
Input impedance
AV=24dB
5.2
Start-up
time
from
shutdown
VDD=3.6V
3.5
ms
Block Diagram
Figure3. Block Diagram
HM2012



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com