Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6SXM Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M6SXM
Description  Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6SXM Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M6SXM Datasheet HTML 1Page - M-System Co.,Ltd. M6SXM Datasheet HTML 2Page - M-System Co.,Ltd. M6SXM Datasheet HTML 3Page - M-System Co.,Ltd. M6SXM Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: M6SXM
M6SXM SPECIFICATIONS
ES-7979 Rev.9 Page 3/4
http://www.m-system.co.jp/
EXTERNAL VIEW
■ FRONT VIEW (with the cover open)
■ SIDE VIEW
Output Range Selectors
Status Indicator LED
Power LED
Configurator Jack
5
6
7
8
1
2
3
4
The DIP switch setting is required to select output types
before setting a precise output range using PC Configurator
Software (model: M6CFG).
Refer to the instruction manual for detailed procedures.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5.9 (.23)
DIN RAIL
35mm wide
DIN RAIL HOOK
*Use a minus screwdriver: tip width 3.8 mm max., tip thickness 0.5 to 0.6 mm
102 (4.02)
[0.5 (.02)]
SCREWDRIVER
INSERTION ANGLE
: approx. 40°
WIRE INSERTION ANGLE
: approx.35°
TEST PROBE
max. 2 (.08) dia.
SCREWDRIVER *
INSERTION ANGLE
: approx. 35°
5
6
7
8
1
2
3
4
• When mounting, no extra space is needed between units.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com