Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6SXM Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M6SXM
Description  Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6SXM Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M6SXM Datasheet HTML 1Page - M-System Co.,Ltd. M6SXM Datasheet HTML 2Page - M-System Co.,Ltd. M6SXM Datasheet HTML 3Page - M-System Co.,Ltd. M6SXM Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: M6SXM
M6SXM SPECIFICATIONS
ES-7979 Rev.9 Page 2/4
http://www.m-system.co.jp/
output type and range, zero and span, burnout type, user’s
linearization table, etc.
For detailed information, refer to the users manual for the
PC configurator.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
INPUT SPECIFICATIONS
Sensing current: ≤ 0.15 mA
Minimum span of each range
0 – 100 Ω : 10 Ω
0 – 300 Ω : 30 Ω
0 – 600 Ω : 60 Ω
0 – 1200 Ω : 120 Ω
0 – 2500 Ω : 250 Ω
0 – 5000 Ω : 500 Ω
If not specified, the input range is 0 – 1200 Ω.
OUTPUT SPECIFICATIONS
■ DC Current
Output range: 0 – 20 mA DC
Conformance range: 0 – 20.4 mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 11 V max.
(e.g. 4 – 20 mA: 550 Ω [11 V ÷ 20 mA])
If not specified, the output range is 4 – 20 mA DC.
■ DC Voltage
Code V2 (wide spans)
Output range: -10 – +10 V DC
Conformance range: -10.4 – +10.4 V DC
Minimum span: 1 V
Code V3 (narrow spans)
Output range: -5 – +5 V DC
Conformance range: -5.2 – +5.2 V DC
Minimum span: 0.5 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
(e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA])
If not specified, the output range is shown below.
V2: 0 – 10 V DC
V3: 1 – 5 V DC
INSTALLATION
Power consumption: Approx. 0.5 W
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Installation Base (model: M6SBS) or DIN rail
Weight: 65 g (2.3 oz)
PERFORMANCE in percentage of span
Overall accuracy: Input accuracy + output accuracy
Inversely proportional to the span.
See CALCULATION EXAMPLES OF OVERALL ACURACY.
• Input accuracy: (% of range)
0 – 100 Ω : ±0.05 %
0 – 300 Ω : ±0.05 %
0 – 600 Ω : ±0.03 %
0 – 1200 Ω : ±0.03 %
0 – 2500 Ω : ±0.01 %
0 – 5000 Ω : ±0.01 %
• Output accuracy: ±0.04 % of max. output range
Temp. coefficient: ±0.01 %/°C (±0.006 %/°F) of max. span
Response time: ≤ 1 sec. (0 – 90 %)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Total Resistance 0 – 1200 Ω, Input Range 250–
750 Ω, Output Type -5 – +5 V, Output Range 1 – 5 V
Max. Input Range (1200 Ω) ÷ Span (500 Ω) × 0.01 %
+ Max. Output Range (10 V) ÷ Span (4 V) × 0.04 %
= 0.18 %
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
Approval:
UL/C-UL nonincendive Class I, Division 2,
Groups A, B, C, and D hazardous locations
(ANSI/ISA-12.12.01, CAN/CSA-C22.2 No.213)
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.61010-1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com