Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6SXM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M6SXM
Description  Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M6SXM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M6SXM Datasheet HTML 1Page - M-System Co.,Ltd. M6SXM Datasheet HTML 2Page - M-System Co.,Ltd. M6SXM Datasheet HTML 3Page - M-System Co.,Ltd. M6SXM Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M6SXM
M6SXM SPECIFICATIONS
ES-7979 Rev.9 Page 1/4
http://www.m-system.co.jp/
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
POTENTIOMETER TRANSMITTER
(PC programmable)
Functions & Features
• Maintenance-free tension clamp connection
• 5.9-mm wide ultra-slim design
• Low profile allows the M6S module mounted in
a 120-mm deep panel
• Provides a DC output proportional to a potentiometer or
slidewire position input
• Linearization and burnout protection
• PC programmable
• High-density mounting
• Power indicator LED
5.9 (.23)
94
(3.70)
102
(4.02)
mm (inch)
MODEL: M6SXM–1[1]–R[2]
ORDERING INFORMATION
• Code number: M6SXM-1[1]-R[2]
Specify a code from below for each [1] and [2].
(e.g. M6SXM-1Z1-R/UL/Q)
• Potentiometer range (total resistance) (e.g. 0 – 1000 Ω)
• Output range (e.g. 4 – 20 mA DC)
• Specify the specification for option code /Q
(e.g. /C01)
INPUT
1: Total resistance 100 – 5000 Ω
(Configurator software is used to change the input range.)
[1] OUTPUT
Current
Z1: Range 0 – 20 mA DC
Voltage
V2: Range -10 – +10 V DC
V3: Range -5 – +5 V DC
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: M6CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Connection
Input and output: Tension clamp
Power input: Via the Installation Base (model: M6SBS)
or Tension clamp
Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: -2 – +102 %
(Negative current output is not available.)
Zero adjustment: -2 to +2 % (PC programming)
Span adjustment: 98 to 102 % (PC programming)
Burnout: Upscale standard; downscale or no burnout
optional by programming
Power LED: Green light turns on when the power is supplied.
Status indicator LED: Orange LED; Blinking patterns indicate
different operating status of the transmitter.
Programming: Downloaded from PC; input type (range),


Similar Part No. - M6SXM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6SXAP MSYSTEM-M6SXAP Datasheet
166Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXAP-S1A-R MSYSTEM-M6SXAP-S1A-R Datasheet
166Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXAP-S1A-R/Q MSYSTEM-M6SXAP-S1A-R/Q Datasheet
166Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXAP-S1M-R MSYSTEM-M6SXAP-S1M-R Datasheet
166Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXAP-S1M-R/Q MSYSTEM-M6SXAP-S1M-R/Q Datasheet
166Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
More results

Similar Description - M6SXM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M6SPS1 MSYSTEM-M6SPS1 Datasheet
134Kb / 3P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SPA MSYSTEM-M6SPA Datasheet
146Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SDM MSYSTEM-M6SDM Datasheet
117Kb / 2P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SCTC MSYSTEM-M6SCTC Datasheet
139Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SBS MSYSTEM-M6SBS Datasheet
317Kb / 5P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXR MSYSTEM-M6SXR Datasheet
166Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXF1 MSYSTEM-M6SXF1 Datasheet
205Kb / 6P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SWVS MSYSTEM-M6SWVS Datasheet
144Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVS MSYSTEM-M6SVS Datasheet
143Kb / 4P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SVF MSYSTEM-M6SVF Datasheet
137Kb / 3P
Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com