Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEX-P-C Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MEX-P-C
Description  Final Control Elements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEX-P-C Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MEX-P-C Datasheet HTML 1Page - M-System Co.,Ltd. MEX-P-C Datasheet HTML 2Page - M-System Co.,Ltd. MEX-P-C Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MEX-P
MEX-P SPECIFICATIONS
ES-4625 Rev.1 Page 3/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
50 (1.97)
72 (2.83)
107 (4.21)
136 (5.35)
[3.3 (.13)]
60 (2.36)
72 (2.83)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
14–M3.5
SCREW
• When mounting, no extra space is needed between units.
12
5
6
14
11
1
10
15
4
3
2
7
9
8
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
6
5
4
12
11
7
14
+
−
2
Base Socket
OPEN
CLOSE
1 2 3 4
Capacitor
Motor
CPU
1
15
9
10
Close
Open
M
Feedback
Potentiometer
Close
Open
Deadband
CONTACT INPUT 0
CONTACT INPUT 1
CONTACT INPUT 2
Timer
U
V
POWER
SSR
SSR
Excitation Volt.
Generator
Voltage
Amplifier
Preset
Isolation
Note:
Note that when limit switches inserted in motor wiring, the making/breaking may cause
stress on the SSRs.
EXPLANATIONS OF TERMS
• SSR (Solid State Relay)
Composed only of semiconductor parts, SSR is free from arc discharge or chattering which is typical with electromagnetic
relays. It features excellent characteristics against vibration, physical impact or other environmental conditions.
• Zero-Cross Function
SSR with zero-cross function turns on when AC power voltage is near zero, creating delay of switching when input is provided in
the middle of an wave cycle, thus limiting transient switching noise voltage and rush current.
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com