Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEX-P-C Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MEX-P-C
Description  Final Control Elements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEX-P-C Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MEX-P-C Datasheet HTML 1Page - M-System Co.,Ltd. MEX-P-C Datasheet HTML 2Page - M-System Co.,Ltd. MEX-P-C Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MEX-P
MEX-P SPECIFICATIONS
ES-4625 Rev.1 Page 2/3
http://www.m-system.co.jp/
Input Assignments
ACTION
OFF
OFF
OFF
Stop
ON
OFF
OFF
OFF
ON
OFF
ON
ON
OFF
OFF
OFF
ON
ON
OFF
ON
Full Closed Position
OFF
ON
ON
Full Open Position
ON
ON
ON
Stop
Preset Position 1
Preset Position 2
Preset Position 3
Preset Position 4
INPUT 0
INPUT 1
INPUT 2
OUTPUT SPECIFICATIONS
■ Control Output: SSR (zero-crossing); 20 - 240 V AC 0.1 - 1
A
(11 - 2) Closing ON
(1 - 2) Opening ON
Deviation
(Preset Position) - (Feedback Potentiometer)
+
−
0
Deadband
Operation: Terminal No. in ( ).
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 3 VA
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
1000 V AC @1 minute (Contact input to position feedback to
driver output to power)
2000 V AC @1 minute (Contact input to feedback
potentiometer to control output to power to ground)
EXTERNAL VIEW
Preset 4 adj.
Preset 3 adj.
Preset 2 adj.
Preset 1 adj.
Timer
RUN LED
Full-close position adj.
Full-open position adj.
Deadband



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com