Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEX-P-C Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MEX-P-C
Description  Final Control Elements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MEX-P-C Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MEX-P-C Datasheet HTML 1Page - M-System Co.,Ltd. MEX-P-C Datasheet HTML 2Page - M-System Co.,Ltd. MEX-P-C Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MEX-P
MEX-P SPECIFICATIONS
ES-4625 Rev.1 Page 1/3
http://www.m-system.co.jp/
Final Control Elements
VALVE POSITIONER
(position-preset contact input; built-in SSR)
Functions & Features
• Used for 24 - 200 V AC electric actuator position control
• Controls the electric actuator to a pre-configured target
position based on contact input
• Position feedback via potentiometer (100 Ω - 10 kΩ
unadjusted)
• Direct motor driving with built-in SSR (with zero-cross
circuit)
• Restart control timer built-in to prevent motor overheating
due to frequent on/off switching
Typical Applications
• Position damper control using sequencers without analog
output
72
(2.83)
80
(3.15)
136
(5.35)
mm (inch)
MODEL: MEX-P-[1][2]
ORDERING INFORMATION
• Code number: MEX-P-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. MEX-P-G/B/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
[2] OPTIONS (multiple selections)
Brake Function
blank: Without
/B : With
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Full-closed position adjustment range: 0 - 25 % (front)
Full-open position adjustment range: 75 - 100 % (front)
Preset adjustment range: 0 to 100 % corresponding to Full-
closed to Full-open (front)
Deadband: 0.6 - 10.6 % (front)
Timer adjustment: 1 – 30 sec. (front)
Isolation: Contact input to feedback potentiometer to
control output to power
Lock protection timer: If the motor doesn't enter the
deadband for approx. 2 minutes, then power supply is cut;
reset is performed by power OFF or repeating full-open and
full-close actions
RUN indicator: Red LED blinks at 0.5 Hz during normal
operating
Blinking at 2 Hz when lock protection timer is operating
INPUT SPECIFICATIONS
■ Setting Signals (Contact input)
Contact input capacity: 12 V DC @ 2 mA
Detection level: OFF: ≥ 100 kΩ (≤ 0.1 mA) / ≥ 10 V
ON ≤ 5 kΩ (≥ 1 mA) / ≤ 1 V
■ Feedback potentiometer
Minimum span: 50% of total resistance
Input range: Can be measured unadjusted from 0 - 100 Ω to
0 - 10 kΩ with potentiometer
Excitation: 1 V DC


Similar Part No. - MEX-P-C

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEX-P-C MSYSTEM-MEX-P-C Datasheet
121Kb / 3P
Final Control Elements
MEX-P-C/B MSYSTEM-MEX-P-C/B Datasheet
121Kb / 3P
Final Control Elements
MEX-P-C/Q MSYSTEM-MEX-P-C/Q Datasheet
121Kb / 3P
Final Control Elements
More results

Similar Description - MEX-P-C

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MEXL MSYSTEM-MEXL Datasheet
133Kb / 4P
Final Control Elements
MEX-F MSYSTEM-MEX-F Datasheet
153Kb / 5P
Final Control Elements
MEX-E MSYSTEM-MEX-E Datasheet
110Kb / 3P
Final Control Elements
MEX-C MSYSTEM-MEX-C Datasheet
111Kb / 3P
Final Control Elements
MEX-B MSYSTEM-MEX-B Datasheet
111Kb / 3P
Final Control Elements
MEXE MSYSTEM-MEXE Datasheet
110Kb / 3P
Final Control Elements
MEXD MSYSTEM-MEXD Datasheet
112Kb / 3P
Final Control Elements
MRP6C MSYSTEM-MRP6C Datasheet
135Kb / 4P
Final Control Elements
MRP5D MSYSTEM-MRP5D Datasheet
160Kb / 5P
Final Control Elements
MRP4C MSYSTEM-MRP4C Datasheet
138Kb / 4P
Final Control Elements
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com