Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP5 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ATXP5
Description  Jumper Free Over Clock Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATXP5 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ATXP5 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ATXP5 V1.0
Jumper Free Over Clock Controller
3
Technology Corporation
4. Pin Description
I/O TYPE DESCRIPTION
INt
---- TTL level input.
INts
---- TTL level input with Schmitt-trigger.
INt-10k-up
---- TTL level input l pin with 12mA drive/sink current and10K ohm pull-up
resistor.
INt-47k-up
---- TTL level input l pin with 12mA drive/sink current and47K ohm pull-up
resistor.
OD12
---- Open-drain with 12mA sink current.
O12
---- Output buffer with 12mA drive/sink current
I/OD12
---- TTL level bi-directional pin, and open-drain output with 12mA sink current.
I/O12
---- TTL level bi-directional pin, and output with 12mA drive/sink current.
Pin No.
Pin name
I/O Type
Function
1
3VSB
POWER
Power Pin
2
GPIO0
I/O12
General Purpose I/O Pin
3
GPIO1
I/O12
General Purpose I/O Pin
4
CPUPWROK
INt-47k-up
Receive CPUPWROK Signal form CPU
5
FIDIN0
INtx
Receive FID0 Signal form CPU
6
FIDIN1
INtx
Receive FID1 Signal form CPU
7
FIDIN2
INtx
Receive FID2 Signal form CPU
8
FIDIN3
INtx
Receive FID3 Signal form CPU
9
NB_PWROK
OD12
North-Bridge Power-OK.
10
SDA
I/OD12
SMB Data Signal
11
SCL
INts
SMB Clock Signal
12
RSTOUT#
OD12
Rest Output Signal
13
GND
GROUND Pin
14
SLOTOCC#
INts
Receive SLOTOCC# from CPU
15
VBAT
Power Pin
16
FIDCPU3
O12
FID3 Signal Output Pin to CPU
17
FIDCPU2
O12
FID2 Signal Output Pin to CPU
18
FIDCPU1
O12
FID1 Signal Output Pin to CPU
19
FIDCPU0
O12
FID0 Signal Output Pin to CPU
20
LEVEL
Power Pin
21
FIDCS3
OD12
FID3 Signal Output Pin to Chip Set
22
FIDCS2
OD12
FID2 Signal Output Pin to Chip Set
23
FIDCS1
OD12
FID1 Signal Output Pin to Chip Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com