Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP5 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ATXP5
Description  Jumper Free Over Clock Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATXP5 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ATXP5 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ATXP5 V1.0
Jumper Free Over Clock Controller
6
Technology Corporation
GPIO4-0 Input
Enable Register
09h
00000000b
<7> Reserved.
<6:3> GPIO4~1 input enable= 0
the corresponding GPIO is an output
pin
= 1
the corresponding GPIO is an input pin.
<2:1> Reserved.
<0> GPIO0 input enable= 0
the corresponding GPIO0 is an output
pin
= 1
the corresponding GPIO0 is an input pin.
GPIO4-0 Data
Register
0Ah
111111111b
<7> Reserved.
<6:3> GPIO4-1 data register
If the GPIO pin is set as an input pin, the input
value can be obtained by reading this register.
If the GPIO pin is set as an output pin, the
output value can be controlled by writing this
register, and the output value can also be
read back.
<2:1>Reserved.
<0> GPIO0 data register
If the GPIO0 pin is set as an input pin, the
input value can be obtained by reading this
register.
If the GPIO0 pin is set as an output pin, the
output value can be controlled by writing this
register, and the output value can also be
read back.
GPIO4-0 Output
Type Select
Register
0Bh
00000000b
<7> Reserved.
<6:3> GPIO4-1 output type
= 0 The corresponding GPIO pin is
open-drain output pin.
= 1 The corresponding GPIO pin is
push-pull output pin.
<2:1>Reserved.
<0> GPIO0 output type
= 0 The corresponding GPIO0 pin is
open-drain output pin.
= 1 The corresponding GPIO0 pin is
push-pull output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com