Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATXP5 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ATXP5
Description  Jumper Free Over Clock Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATXP5 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ATXP5 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATXP5 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ATXP5 V1.0
Jumper Free Over Clock Controller
5
Technology Corporation
5. Configuration Registers
Register
Offset Power on/Reset
Default value
Description
CPU FID Output
Control Register
02h
00000000b
<7:5> Reserved.
<4> CPU/CS FID Output Enable
= 0
FIDIN pins pass to FIDCS and FIDCPU pins.
= 1
FIDCS pins are controlled by CR03 bit
3~0(CS FID) and FIDCPU pins are controlled
by CR02 bit 3~0(CPU FID).
<3:0> CPU FID output value.
This register is reset by 3VSB, RSTOUT#, and New
CPU events.
Chipset FID
Output Data
Register
03h
00000000b
<7:4> Reserved.
<3:0> CS FID Output Value.
This register is reset by VBAT.
NEW CPU
Status/Control /
GPIO4-0 Input
Enable Register
05h
00000000b
<7> New CPU Status
<6> Clear New CPU Status.
<5:0> Reserved.
Watching-Dog
Timer Register
07h
00000000b
Watching-Dog Timer Register
<7:0> Read this register means how much time left
that Watching-Dog Timer will be time-out.
Write this register to set a time into
Watching-Dog Timer.
Watching-Dog
Timer
Status/MISC
Control Register
08h
00000000b
<7> Watching-Dog Timer time-out status
Register
= 0 No Watching-Dog time-out event.
= 1 Watching-Dog time-out event
exists.
Write “0” clear this status
<6> Watching-Dog Timer Enable
<5:4> Reserved.
<3:2> Watching-Dog Timer time-unit select
= 00 1 second.
= 01 0.1 second.
= 10 10 mini-second.
= 11 1 mini-second.
<1:0> RSTOUT# pulse width select
= 00 1 second.
= 01 0.1 second.
= 10 10 mini-second.
= 11 1 mini-second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com