Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPPD Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # RPPD
Description  Plug-in Signal Conditioners M-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

RPPD Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  RPPD Datasheet HTML 1Page - M-System Co.,Ltd. RPPD Datasheet HTML 2Page - M-System Co.,Ltd. RPPD Datasheet HTML 3Page - M-System Co.,Ltd. RPPD Datasheet HTML 4Page - M-System Co.,Ltd. RPPD Datasheet HTML 5Page - M-System Co.,Ltd. RPPD Datasheet HTML 6Page - M-System Co.,Ltd. RPPD Datasheet HTML 7Page - M-System Co.,Ltd. RPPD Datasheet HTML 8Page - M-System Co.,Ltd. RPPD Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MODEL: RPPD
RPPD SPECIFICATIONS
ES-1693 Rev.20 Page 3/9
http://www.m-system.co.jp/
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; approx. 440 mA at
shortcircuit
Pulse width time requirement: ≥ 5 μsec.
The detecting levels shown below are default value. Refer to
the manual for adjustment.
■ Dry Contact
Max. frequency: 100 kHz
Detecting Conditions
Exc. code: 1
Sensing: 5 V DC / 0.5 mA
Detecting level:
OFF: ≥ 2.25 V / ≥ 8.2 kΩ
ON: ≤ 1.75 V / ≤ 5.3 kΩ
Exc. code: 4
Sensing: 12 V DC / 1.2 mA
Detecting level:
OFF: ≥ 2.25 V / ≥ 2.3 kΩ
ON: ≤ 1.75 V / ≤ 1.7 kΩ
Exc. code: 7
Sensing: 16 V DC / 2.4 mA
Detecting level:
OFF: ≥ 2.25 V / ≥ 1 kΩ
ON: ≤ 1.75 V / ≤ 0.8 kΩ
Sensing voltage means the excitation supply to the sensor
and the current value indicates that at shortcircuit.
Detecting level means the threshold used to determine ON
or OFF status of the pulses and the resistance values
indicated that of the sensor.
■ Voltage Pulse
Maximum frequency: 100 kHz
• Customised pulse: Specify DC offset and amplitude.
Waveform: Square or sine
Input impedance: ≥ 10 kΩ
Input amplitude: 0.5 – 50 Vp-p
Max. voltage between input terminals: 50 V
• 5 V, 12 V, 24 V Pulse
Waveform: Square or sine
Input impedance: ≥ 10 kΩ
Detecting level
5 V Pulse: VH ≥ 2.25 V, VL ≤ 1.75 V
12 V / 24 V Pulse: VH ≥ 5.25 V, VL ≤ 4.75 V
(VH – VL ≥ 500 mV)
■ Two-wire Current Pulse
Max. frequency: 100 kHz
Input resistance: receiving resistor 100 Ω
Input range: 0 – 25 mA
Hi/Lo level: ≤ 9.5 mA for Lo, ≥ 14.5 mA for Hi
■ RS-422 Line Driver Pulse
Maximum frequency: 100 kHz
Receiver: Conforms to RS-422
(No receiving resistor incorporated)
50V max.
Amplitude
Vinp-p
t
Volts
DC Offset
■ Voltage pulse waveform
Amplitude
Vinp-p
t
Volts
Sensitivity Level
Input Monitor LED
VH
VL
0V
OFF
ON
sVoltage pulse (example)
Amplitude
Vinp-p
t
Volts
The voltage which remains across
the terminals with contact ON
VH
Exc.
VL
0V
sDry contact (example)
OUTPUT SPECIFICATIONS
■ High Power Photo MOSFET Relay
Maximum frequency: 20 Hz
• Rise time: 5 msec.
• Sink time: 3 msec.
Rating: 120 V AC or 120 V DC @ 200 mA (resistive load)
On resistance: 3 Ω
■ Open Collector
Maximum frequency: 100 kHz
50 V DC @ 50 mA (resistive load)
Saturation voltage: 0.5 V DC
■ Voltage Pulse: Rating (5, 12 or 24 V) ±10 %
Maximum frequency: 100 kHz (50 kHz for 24 V)
Load resistance: ≥ 1.2 kΩ
Low level: ≤ 0.5 V
■ RS-422 Line Driver Pulse: Conforms to RS-422
Output current: ±20 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com