Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPPD Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # RPPD
Description  Plug-in Signal Conditioners M-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

RPPD Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  RPPD Datasheet HTML 1Page - M-System Co.,Ltd. RPPD Datasheet HTML 2Page - M-System Co.,Ltd. RPPD Datasheet HTML 3Page - M-System Co.,Ltd. RPPD Datasheet HTML 4Page - M-System Co.,Ltd. RPPD Datasheet HTML 5Page - M-System Co.,Ltd. RPPD Datasheet HTML 6Page - M-System Co.,Ltd. RPPD Datasheet HTML 7Page - M-System Co.,Ltd. RPPD Datasheet HTML 8Page - M-System Co.,Ltd. RPPD Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MODEL: RPPD
RPPD SPECIFICATIONS
ES-1693 Rev.20 Page 2/9
http://www.m-system.co.jp/
[8] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
(CE not available)
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
(Option /CE Not available)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
V: 48 V DC
(Operational voltage range 48 V ± 10 % , ripple 10 % p-p max.)
(CE not available)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
(CE not available)
[9] OPTIONS (multiple selections)
Standards & Approvals
blank: Without CE
/CE: CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
FACTORY DEFAULT SETTING
■ SETTINGS FOR PULSE INPUT
INPUT 1, 2
• Dry Contact
Input
Semiconductor contact
Filter
No filter
Detecting level 0 – 15 V
2 V
Hysteresis 0 – 5 V
0.5 V
• Voltage pulse
Input waveform
Square wave
Input coupling
DC
Input amplitude
0.5 – 50 Vp-p
Input offset
≤ 50 V
Filter
No filter
Detecting level 0 – 15 V
Adjusted to 1/2
Hysteresis 0 – 5 V
0.5 V
• 5 V voltage pulse
Filter
No filter
• 12 V, 24 V voltage pulse
Filter
No filter
•
2-wire current pulse
ON current (H) 0–25 mA
14.5 mA
OFF current (L) 0–25 mA
9.5 mA
Filter
No filter
■ SETTINGS FOR PULSE OUTPUT
Output pulse width
50 msec.
INPUT 1, 2
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input 1 or input 2 or sensor exc. to output 1 or
output 2 to power
DIP SW1 & SW2: Used for input spec. setting
Input monitor LED
PL1: Red LED blinks according to input 1.
PL2: Red LED blinks according to input 2.
Excitation adjustment: 5 – 24 V DC
Input pulse sensing: DC coupled standard or AC coupled
Sensitivity adjustments: VH pot. for Hi level; VL pot. for Lo
level



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com