Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPPD Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # RPPD
Description  Plug-in Signal Conditioners M-UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

RPPD Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  RPPD Datasheet HTML 1Page - M-System Co.,Ltd. RPPD Datasheet HTML 2Page - M-System Co.,Ltd. RPPD Datasheet HTML 3Page - M-System Co.,Ltd. RPPD Datasheet HTML 4Page - M-System Co.,Ltd. RPPD Datasheet HTML 5Page - M-System Co.,Ltd. RPPD Datasheet HTML 6Page - M-System Co.,Ltd. RPPD Datasheet HTML 7Page - M-System Co.,Ltd. RPPD Datasheet HTML 8Page - M-System Co.,Ltd. RPPD Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MODEL: RPPD
RPPD SPECIFICATIONS
ES-1693 Rev.20 Page 1/9
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
PULSE ISOLATOR
(built-in excitation; rotary encoder use)
Functions & Features
• Galvanically isolating two pulse rate signals from a rotary
encoder
• Various outputs (relay, open collector, voltage pulses and
RS-422 line driver pulse)
• Different I/O specs can be specified
• Converting RS-422 line driver pulse input into an open
collector pulse
• Excitation
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Isolating field pulse signals in order to reduce noises
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: RPPD–[1][2][3][4][5][6][7]–[8][9]
ORDERING INFORMATION
• Code number: RPPD-[1][2][3][4][5][6][7]-[8][9]
Specify a code from below for each [1] through [9].
(e.g. RPPD-DD4AA3N-R/CE/Q)
• Output pulse width (e.g. 75 msec.)
• Use Ordering Information Sheet (No. ESU-1693). Default
setting will be used if not otherwise specified. Refer to the
factory default setting.
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT 1
A: Dry contact
B: Voltage pulse (Specify sensitivity)
C: 5 V pulse (sensitivity 2 V)
D: 12 V/24 V pulse (sensitivity 5 V)
H: Two-wire current pulse
J: RS-422 line driver pulse
[2] INPUT 2
Must be the same code as the one chosen for Input 1.
[3] EXCITATION
1: 5 V DC @ 120 mA
4: 12 V DC @ 60 mA
7: 24 V DC @ 25 mA
Excitation is not provided with input code J, but select code
1.
[4] OUTPUT 1
A: Open collector (max. 100 kHz)
M: 5 V pulse (max. 100 kHz)
N: 12 V pulse (max. 100 kHz)
P: 24 V pulse (max. frequency 50 kHz)
H: High power photo MOSFET relay (max. 20 Hz)
(Option /CE Not available)
J: RS-422 line driver pulse (max. 100 kHz)
( ) = Max. frequency
[5] OUTPUT 2
A: Open collector (max. frequency 100 kHz)
M: 5 V pulse (max. frequency 100 kHz)
N: 12 V pulse (max. frequency 100 kHz)
P: 24 V pulse (max. frequency 50 kHz)
J: RS-422 line driver pulse (max. 100 kHz)
The max. frequency is in parentheses.
■ OUTPUT COMBINATIONS
The table below shows the selectable type of Output 1 for
each Output 2 type.
With the Output 2 other than code A, the Output 1 must be
the same type.
OUTPUT2
OUTPUT1
A
A, M, N, P, H
M
M
N
N
P
P
J
J
[6] OUTPUT PULSE WIDTH
1: Equal to the input
3: One-shot output (std. pulse width 50 msec.)
(Specify when optional pulse width is required.)
[7] OUTPUT LOGIC (both Output 1 & 2)
N: The same as the input
R: Inverted


Similar Part No. - RPPD

ManufacturerPart #DatasheetDescription
logo
DFI Inc
RPP051 DFI-RPP051 Datasheet
1Mb / 4P
13th Gen Intel® Core™ Processor 2.5" Pico-ITX
RPP051-BTD-1315UE DFI-RPP051-BTD-1315UE Datasheet
1Mb / 4P
13th Gen Intel® Core™ Processor 2.5" Pico-ITX
RPP051-BTD-1345UE DFI-RPP051-BTD-1345UE Datasheet
1Mb / 4P
13th Gen Intel® Core™ Processor 2.5" Pico-ITX
RPP051-BTD-1365UE DFI-RPP051-BTD-1365UE Datasheet
1Mb / 4P
13th Gen Intel® Core™ Processor 2.5" Pico-ITX
RPP051-BTD-U300E DFI-RPP051-BTD-U300E Datasheet
1Mb / 4P
13th Gen Intel® Core™ Processor 2.5" Pico-ITX
More results

Similar Description - RPPD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com