Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2XM Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # W2XM
Description  Space-saving Dual Output Signal Conditioners Mini-MW Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W2XM Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  W2XM Datasheet HTML 1Page - M-System Co.,Ltd. W2XM Datasheet HTML 2Page - M-System Co.,Ltd. W2XM Datasheet HTML 3Page - M-System Co.,Ltd. W2XM Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: W2XM
W2XM SPECIFICATIONS
ES-5504 Rev.6 Page 3/4
http://www.m-system.co.jp/
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Total Resistance 0 – 1.5 kΩ, Input Range 250 –
750 Ω, Output Type -5 – +5 V, Output Range 1 – 5V
Max. Input Range (1500 Ω) ÷ Span (500Ω) × 0.01 % + Max.
Output Range (10 V) ÷ Span (4V) × 0.04 % = 0.13 %
EXTERNAL VIEW
LED1 (LD1)
LED2 (LD2)
LED3 (LD3)
Configurator Jack
■ FRONT VIEW
■ SIDE VIEW
SW1
SW2
Output 2
Configuration DIP SW
Output 1
Configuration DIP SW
OFF
ON
1 2 3 4
OFF
ON
1 2 3 4
*Provided only for two-output type.
*
Refer to the instruction manual for detailed procedures.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
4
8 7
10
21.5 (.87)
84 (3.31)
10 (.39)
22 (.87)
DIN RAIL
35mm wide
[4 (.16)]
11M3
SCREW
29.5 (1.16)
24.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
114 (4.49)
11
5
6
1
2
3
9
6 (.23)
• When mounting, no extra space is needed between units.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com