Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2XM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # W2XM
Description  Space-saving Dual Output Signal Conditioners Mini-MW Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W2XM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  W2XM Datasheet HTML 1Page - M-System Co.,Ltd. W2XM Datasheet HTML 2Page - M-System Co.,Ltd. W2XM Datasheet HTML 3Page - M-System Co.,Ltd. W2XM Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: W2XM
W2XM SPECIFICATIONS
ES-5504 Rev.6 Page 1/4
http://www.m-system.co.jp/
Space-saving Dual Output Signal Conditioners
Mini-MW Series
POTENTIOMETER TRANSMITTER
(PC programmable)
Functions & Features
• Provides two DC outputs proportional to a potentiometeror
slidewire position input
• Two independent output ranges
• Burnout detection
• PC programmable
• High-density mounting
Typical Applications
• Tank levels
• Positions
88.5
(3.48)
29.5 (1.16)
124
(4.88)
mm (inch)
MODEL: W2XM–1[1][2]-[3][4]
ORDERING INFORMATION
• Code number: W2XM-1[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. W2XM-1Z1V3-M2/N/Q)
• Total resistance (e.g. 1 kΩ)
• Input range (e.g. 0 – 100 %)
• Output 1 range (e.g. 4 – 20 mA DC)
• Output 2 range (e.g. 1 – 5 V DC)
• Specify the specification for option code /Q
(e.g. /C01/S01)
Note: When the user requires a current and a voltage
output, specify the current to be the Output 1 which allows
a greater load.
INPUT
1: Total resistance 75 Ω – 10 kΩ
(Configurator software is used to change the input range.)
[1] OUTPUT 1
Current
Z1: Range 0 – 20 mA DC
Voltage
V2: Range -10 – +10 V DC
V3: Range -5 – +5 V DC
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
[2] OUTPUT 2
Same range availability as Output 1
Y: None
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
R2: 11 – 27 V DC
(Operational voltage range 11 – 27 V, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[4] OPTIONS (multiple selections)
Standards & Approvals (must be specified)
/N: Without CE
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• PC configurator software (model: W2CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the


Similar Part No. - W2XM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
W2XF MSYSTEM-W2XF Datasheet
115Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2XF-S1V2V2-M2 MSYSTEM-W2XF-S1V2V2-M2 Datasheet
115Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2XF-S1V2V2-M2/N MSYSTEM-W2XF-S1V2V2-M2/N Datasheet
115Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2XF-S1V2V2-M2/Q MSYSTEM-W2XF-S1V2V2-M2/Q Datasheet
115Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2XF-S1V2V2-R MSYSTEM-W2XF-S1V2V2-R Datasheet
115Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
More results

Similar Description - W2XM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
W2PP MSYSTEM-W2PP Datasheet
121Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2MST MSYSTEM-W2MST Datasheet
113Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2DYS MSYSTEM-W2DYS Datasheet
111Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2DYH2 MSYSTEM-W2DYH2 Datasheet
113Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2CA MSYSTEM-W2CA Datasheet
109Kb / 3P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2SP MSYSTEM-W2SP Datasheet
114Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2TG MSYSTEM-W2TG Datasheet
110Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2TS MSYSTEM-W2TS Datasheet
121Kb / 5P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2VS MSYSTEM-W2VS Datasheet
116Kb / 4P
Space-saving Dual Output Signal Conditioners Mini-MW Series
W2XT MSYSTEM-W2XT Datasheet
135Kb / 5P
Space-saving Dual Output Signal Conditioners Mini-MW Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com