Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2XM Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # W2XM
Description  Space-saving Dual Output Signal Conditioners Mini-MW Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

W2XM Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  W2XM Datasheet HTML 1Page - M-System Co.,Ltd. W2XM Datasheet HTML 2Page - M-System Co.,Ltd. W2XM Datasheet HTML 3Page - M-System Co.,Ltd. W2XM Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: W2XM
W2XM SPECIFICATIONS
ES-5504 Rev.6 Page 2/4
http://www.m-system.co.jp/
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Overrange output: -15 to +115 %
(Negative current output is not available.)
Zero adjustment: -5 to +5 % (PC programming)
Span adjustment: 95 to 105 % (PC programming)
Burnout: Upscale standard; downscale, specific value output
or no burnout optional by programming
Status indicator LED: Tri-color (green/amber/red) LED;
Blinking patterns indicate operation status of the
transmitter.
Programming: Downloaded from PC; input range, output
type and range, zero and span, burnout type,
user’s linearization table, etc.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
INPUT SPECIFICATIONS
■ Potentiometer: Total resistance 75 Ω – 10 kΩ
Sensing current: ≤ 0.2 mA
Minimum span
(Range) 0 – 75 Ω : 50 Ω
0 – 150 Ω : 50 Ω
0 – 300 Ω : 50 Ω
0 – 600 Ω : 50 Ω
0 – 1.5 kΩ : 100 Ω
0 – 3.5 kΩ : 100 Ω
0 – 10 kΩ : 100 Ω
If not specified, the input range is 0 – 1.5 kΩ.
OUTPUT SPECIFICATIONS
■ DC Current
Maximum range: 0 – 20 mA DC
Conformance range: 0 – 23 mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 12 V max. for Output 1; 7 V
max. for Output 2
(e.g. 4 – 20 mA: 600 Ω [12 V ÷ 20 mA])
If not specified, the output range is 4 – 20 mA DC.
■ DC Voltage
Code V2 (wide spans)
Output range: -10 – +10 V DC
Conformance range: -11.5 – +11.5 V DC
Minimum span: 1 V
Code V3 (narrow spans)
Output range: -5 – +5 V DC
Conformance range: -6 – +6 V DC
Minimum span: 0.5 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
(e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA])
If not specified, the output range is shown below.
V2: 0 – 10 V DC
V3: 1 – 5 V DC
INSTALLATION
Power Consumption
•AC:
Approx. 5 VA at 100 V
Approx. 6 VA at 200 V
Approx. 7 VA at 240 V
•DC: Approx. 3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Accuracy: Input accuracy + output accuracy
Input accuracy*: (% of range)
0 – 75 Ω : ≤ ±0.05 (%)
0 – 150 Ω : ≤ ±0.05
0 – 300 Ω : ≤ ±0.03
0 – 600 Ω : ≤ ±0.03
0 – 1.5 kΩ : ≤ ±0.01
0 – 3.5 kΩ : ≤ ±0.01
0 – 10 kΩ : ≤ ±0.01
Output accuracy*: ≤ ±0.04 % of max. output range
*Inversely proportional to the span.
See CALCULATION EXAMPLES OF OVERALL ACCURACY.
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) of max. span
Response time: ≤ 1 sec. (0 – 90 %)
Burnout response time: ≤ 2 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
1 to output 2 to power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com