Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54008L Datasheet(PDF) 2 Page - STMicroelectronics

Part # PD54008L
Description  RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008L Datasheet(HTML) 2 Page - STMicroelectronics

  PD54008L Datasheet HTML 1Page - STMicroelectronics PD54008L Datasheet HTML 2Page - STMicroelectronics PD54008L Datasheet HTML 3Page - STMicroelectronics PD54008L Datasheet HTML 4Page - STMicroelectronics PD54008L Datasheet HTML 5Page - STMicroelectronics PD54008L Datasheet HTML 6Page - STMicroelectronics PD54008L Datasheet HTML 7Page - STMicroelectronics PD54008L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PD54008L
2/8
ELECTRICAL SPECIFICATION (TCASE = 25
°C)
STATIC (Per Section)
DYNAMIC
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IDSS
VGS = 0 V
VDS = 25 V
1
µA
IGSS
VGS = 5 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 10 V
ID = 50 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 0.5 A
0.09
V
CISS
VGS = 0 V
VDS = 7.5 V
f = 1 MHz
80
pF
COSS
VGS = 0 V
VDS = 7.5 V
f = 1 MHz
60
pF
CRSS
VGS = 0 V
VDS = 7.5 V
f = 1 MHz
6.6
pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
P1dB
VDD = 7.5 V
IDQ = 200 mA
f = 500 MHz
8W
GPS
VDD = 7.5 V
IDQ = 200 mA
POUT = 8 W
f = 500 MHz
15
dB
ηD
VDD = 7.5 V
IDQ = 200 mA
POUT = 8 W
f = 500 MHz
50
%
Load
mismatch
VDD = 9.5 V
IDQ = 200 mA
POUT = 8 W
f = 500 MHz
ALL PHASE ANGLES
20:1
VSWR
ESD PROTECTION CHARACTERISTICS
MOISTURE SENSITIVITY LEVEL
Test Conditions
Class
Human Body Model
2
Machine Model
M3
Test Methodology
Rating
J-STD-020B
MSL 3
Typical Input
Impedance
Typical Drain
Load Impedance
G
D
S
ZDL
Zin
IMPEDANCE DATA (1)
(1) In Broadband amplifier
FREQ. (MHz)
ZIN (Ω)
ZDL (Ω)
480
1.12 - j 2.02
2.01 + j 0.13
500
1.3 - j 2.01
1.84 + j 0.7
520
1.66 - j 2.55
1.66 + j 1.51



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com