Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54008L Datasheet(PDF) 5 Page - STMicroelectronics

Part # PD54008L
Description  RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008L Datasheet(HTML) 5 Page - STMicroelectronics

  PD54008L Datasheet HTML 1Page - STMicroelectronics PD54008L Datasheet HTML 2Page - STMicroelectronics PD54008L Datasheet HTML 3Page - STMicroelectronics PD54008L Datasheet HTML 4Page - STMicroelectronics PD54008L Datasheet HTML 5Page - STMicroelectronics PD54008L Datasheet HTML 6Page - STMicroelectronics PD54008L Datasheet HTML 7Page - STMicroelectronics PD54008L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
PD54008L
TEST CIRCUIT SCHEMATIC
TEST CIRCUIT COMPONENT PART LIST
COMPONENT
DESCRIPTION
B1, B2
Ferrite bead
C1, C16
300 pF, 100 mil ATC
C2, C3, C4, C13,C14
1 -:- 20 pF Trimmer cap - JOHANSON
C15
0.8 -:- 10 pF Trimmer cap - JOHANSON
C5
36 pF, 100 mil ATC
C6
51 pF, 100 mil ATC
C7
62 pF, 100 mil ATC
C8, C17
150 pF, 100 mil CHIP CAP
C9
1 nF, 100 mil CHIP CAP
C10, C18
1000 pF, 100 mil CHIP CAP
C11, C19
0.1 nF, 100 mil CHIP CAP
C12, C20
10 µF 50 V Electrolytic Capacitor
C21
15 pF, 100 mil ATC
L
43nH, Coilcraft
R1
33 KΩ, 1W CHIP Resistor
R3
1 KΩ, 1W CHIP Resistor
R4
15 Ω, 1W CHIP Resistor
Z1
0.49" X 0.080"
MICROSTRIP
Z2
1.024" X 0.080" MICROSTRIP
Z3
0.079" X 0.080" MICROSTRIP
Z4
0.24" X 0.223"
MICROSTRIP
Z5
0.079" X 0.223" MICROSTRIP
Z6
0.138" X 0.223" MICROSTRIP
Z7
0.259" X 0.223" MICROSTRIP
Z8
0.079" X 0.080" MICROSTRIP
Z9
0.413" X 0.080" MICROSTRIP
Z10
0.756" X 0.080" MICROSTRIP
Z11
0.61" X 0.080"
MICROSTRIP
N1, N2
Type N Flange Mount
Board
ROGER, ULTRA LAM 2000 THK 0.030", εr = 2.55 2oz. ED cu SIDES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com